| Electronic Components Datasheet Search |
|
STR752FR0T6 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR752FR0T6 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Pin description 15/84 4.1 Pin description table Legend / abbreviations for Table 6: Type: I = input, O = output, S = supply, Input levels: All Inputs are LVTTL at VDD_IO = 3.3V+/-0.3V or TTL at VDD_IO =5V± 0.5V. In both cases, TT means VILmax =0.8V VIHmin=2.0V Inputs: All inputs can be configured as floating or with internal weak pull-up or pull down (pu/pd) Outputs: All Outputs can be configured as Open Drain (OD) or Push-Pull (PP) (see also note 6 below Table 6). There are 3 different types of Output with different drives and speed characteristics: –O8: fmax = 40 MHz on CL=50pF and 8 mA static drive capability for VOL=0.4V and up to 20 mA for VOL=1.3V (seeOutput driving current on page 55) –O4: fmax = 20 MHz on CL=50pF and 4 mA static drive capability for VOL=0.4V (seeOutput driving current on page 55) –O2: fmax = 10 MHz on CL=50pF and 2 mA static drive capability of for VOL=0.4V (seeOutput driving current on page 55) External interrupts/wake-up lines: EITx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |