| Electronic Components Datasheet Search |
|
STR752FR0H6 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR752FR0H6 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 84 page ![]() Description STR750Fxx STR751Fxx STR752Fxx STR755Fxx 4/84 1 Description The STR750 family of 32-bit microcontrollers combines the industry-standard ARM7TDMI® 32-bit RISC core, featuring high performance, very low power, and very dense code, with a comprehensive set of peripherals and ST's latest 0.18µ embedded Flash technology. The STR750 family comprises a range of devices integrating a common set of peripherals as well as USB, CAN and some key innovations like clock failure detection and an advanced motor control timer. It supports both 3.3V and 5V, and it is also available in an extended temperature range (-40 to +105°C). This makes it a genuine general purpose microcontroller family, suitable for a wide range of applications: ● Appliances, brushless motor drives ● USB peripherals, UPS, alarm systems ● Programmable logic controllers, circuit breakers, inverters ● Medical and portable equipment 2 Device overview Table 2. Device overview Features STR755FR0 STR755FR1 STR755FR2 STR751FR0/ STR751FR1/ STR751FR2 STR752FR0/ STR752FR1/ STR752FR2 STR755FV0 STR755FV1/ STR755FV2 STR750FV0/ STR750FV1/ STR750FV2 Flash - Bank 0 (bytes) 64K/128K/256K Flash - Bank 1 (bytes) 16K RWW RAM (bytes) 16K Operating Temperature. Ambient temp.:-40 to +85°C / -40 to +105°C (see Table 49) Junction temp. -40 to + 125 °C (see Table 10) Common Peripherals 3 UARTs, 2 SSPs, 1 I2C, 3 timers 1 PWM timer, 38 I/Os 13 Wake-up lines, 11 A/D Channels 3 UARTs, 2 SSPs, 1 I2C, 3 timers 1 PWM timer, 72 I/Os 15 Wake-up lines, 16 A/D Channels USB/CAN peripherals None USB CAN None USB+CAN Operating Voltage 3.3V or 5V 3.3V 3.3V or 5V Packages (x) T=LQFP64 10x10, H=LFBGA64 T=LQFP100 14x14, H=LFBGA100 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |