| Electronic Components Datasheet Search |
|
STR752FR2H6 Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR752FR2H6 Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Electrical parameters 57/84 Output speed Subject to general operating conditions for VDD_IO and TA unless otherwise specified. Figure 26. I/O output speed definition Table 34. Output speed I/O dynamic characteristics for VDD_IO = 3.0 to 3.6V and EN33 bit =1 or VDD_IO = 4.5 to 5.5V and EN33 bit =0 I/O Type Symbol Parameter Conditions Min Typ Max Unit O2 fmax(IO)out Maximum Frequency (1) 1. The maximum frequency is defined as described in Figure 26. CL=50 pF 10 MHz tf(IO)out Output high to low level fall time(2) 2. Data based on product characterisation, not tested in production. CL=50 pF Between 10% and 90% 30 ns tr(IO)out Output low to high level rise time(2) 33 O4 fmax(IO)out Maximum Frequency (1) CL=50 pF 25 MHz tf(IO)out Output high to low level fall time(2) CL=50 pF Between 10% and 90% 12 ns tr(IO)out Output low to high level rise time(2) 14 O8 fmax(IO)out Maximum Frequency (1) CL=50pF 40 MHz tf(IO)out Output high to low level fall time(2) CL=50 pF Between 10% and 90% 6 ns tr(IO)out Output low to high level rise time(2) 6 10% T 90% 50% tr(IO)out OUTPUT EXTERNAL ON 50pF Maximum frequency is achieved if (tr + tf) ≤ (2/3)T and if the duty cycle is (45-55%) 10% 50% 90% tr(IO)out when loaded by 50pF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |