Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR752FR1H7 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STR752FR1H7
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR752FR1H7 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STR752FR1H7 Datasheet HTML 30Page - STMicroelectronics STR752FR1H7 Datasheet HTML 31Page - STMicroelectronics STR752FR1H7 Datasheet HTML 32Page - STMicroelectronics STR752FR1H7 Datasheet HTML 33Page - STMicroelectronics STR752FR1H7 Datasheet HTML 34Page - STMicroelectronics STR752FR1H7 Datasheet HTML 35Page - STMicroelectronics STR752FR1H7 Datasheet HTML 36Page - STMicroelectronics STR752FR1H7 Datasheet HTML 37Page - STMicroelectronics STR752FR1H7 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Electrical parameters
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
34/84
6.3
Operating conditions
6.3.1
General operating conditions
Subject to general operating conditions for VDD_IO, and TA unless otherwise specified.
Table 10.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB Clock frequency
Accessing SRAM with 0 wait
states
0
64
MHz
Accessing Flash in burst
mode, TA≤85° C
060
Accessing Flash in burst
mode
TA>85° C
56
Accessing Flash with 0 wait
states
032
Write access to Flash
registers(1)
1.
Write access to Flash registers is either a program, erase, set protection or un-set protection operation.
030
Accessing Flash in RWW
mode
016
fPCLK
Internal APB Clock frequency
0
32
MHz
VDD_IO
Standard Operating Voltage
Power Scheme 1 & 2
3.0
3.6
V
Standard Operating Voltage
Power Scheme 3 & 4
4.5
5.5
V18
Standard Operating Voltage
Power Scheme 2 & 4
1.65
1.95
PD
Power dissipation at TA= 85° C
for suffix 6 or TA= 105° C for
suffix 7(2)
2.
If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.2:
Thermal characteristics on page 79).
LQFP100
434
mW
LQFP64
444
LFBGA100
487
LFBGA64
344
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
-40
85
°C
Low power dissipation(3)
3.
In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 7.2: Thermal characteristics on page 79).
-40
105
°C
Ambient temperature for 7 suffix
version
Maximum power dissipation
-40
105
°C
Low power dissipation (3)
-40
125
°C
TJ
Junction temperature range
6 Suffix Version
-40
105
°C
7 Suffix Version
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com