Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 76Page - STMicroelectronics STR755FV0T6 Datasheet HTML 77Page - STMicroelectronics STR755FV0T6 Datasheet HTML 78Page - STMicroelectronics STR755FV0T6 Datasheet HTML 79Page - STMicroelectronics STR755FV0T6 Datasheet HTML 80Page - STMicroelectronics STR755FV0T6 Datasheet HTML 81Page - STMicroelectronics STR755FV0T6 Datasheet HTML 82Page - STMicroelectronics STR755FV0T6 Datasheet HTML 83Page - STMicroelectronics STR755FV0T6 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Revision history
83/84
9
Revision history
Table 50.
Document revision history
Date
Revision
Description of Changes
25-Sep-2006
1
Initial release
30-Oct-2006
2
Added power consumption data for 5V operation in Section 6
04-Jul-2007
3
Changed datasheet title from STR750F to STR750FXX STR751Fxx
STR752Fxx STR755xx.
Added Table 1: Device summary on page 1
Added note 1 to Table 6
Added STOP mode IDD max. values in Table 14
Updated XT2 driving current in Table 23.
Updated RPD in Table 32
Updated Table 21: XRTC1 external clock source on page 45
Updated Table 34: Output speed on page 57
Added characteristics for SSP synchronous serial peripheral in master
mode (SPI or TI mode) on page 62 and SSP synchronous serial
peripheral in slave mode (SPI or TI mode) on page 65
Added characteristics for SMI - serial memory interface on page 68
Added Table 42: USB startup time on page 70
23-Oct-2007
4
Updated Section 6.2.3: Thermal characteristics on page 33
Updated PD, TJ and TA in Section 6.3: Operating conditions on page 34
Updated Table 20: XT1 external clock source on page 44
Updated Table 21: XRTC1 external clock source on page 45
Updated Section 7: Package characteristics on page 76 (inches rounded
to 4 decimal digits instead of 3)
Updated Ordering information Section 8: Order codes on page 81
17-Feb-2009
5
Modified note 3 below Table 8: Current characteristics on page 33
Added AHB clock frequency for write access to Flash registers in
Table 10: General operating conditions on page 34
Modified note 3 below Table 41: SDA and SCL characteristics on
page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com