Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60HDT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD10NC60HDT4
Description  600 V - 10 A - very fast IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60HDT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STGD10NC60HDT4 Datasheet HTML 1Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 2Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 3Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 4Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 5Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 6Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 7Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 8Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STGB10NC60HD, STGD10NC60HD, STGF10NC60HD, STGP10NC60HD
Electrical ratings
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220 /
D²PAK
DPAK
TO-220FP
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25 °C
20
9
A
IC
(1)
Collector current (continuous) at TC = 100 °C
10
6
A
ICL
(2)
2.
Vclamp = 80 % (VCES), VGE = 15 V, RG = 10 Ω, TJ = 150 °C
Turn-off latching current
30
A
ICP
(3)
3.
Pulse width limited by max junction temperature allowed
Pulsed collector current
30
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at TC = 25 °C
10
A
IFSM
Surge not repetitive forward current
tp = 10 ms sinusoidal
20
A
PTOT
Total dissipation at TC = 25 °C
65
62
24
W
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
TJ
Operating junction temperature
– 55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
D²PAK
TO-220
DPAK
TO-220FP
Rthj-case Thermal resistance junction-case IGBT max.
1.9
2.0
5.1
°C/W
Rthj-case Thermal resistance junction-case diode max.
4
4.5
7
°C/W
Rthj-amb Thermal resistance junction-ambient max.
62.5
100
62.5
°C/W
I
C TC
()
T
jmax
()
T
C
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com