Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0625P Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0625P
Description  GPS Baseband Processor SuperSense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625P Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0625P Datasheet HTML 1Page - ATMEL Corporation ATR0625P Datasheet HTML 2Page - ATMEL Corporation ATR0625P Datasheet HTML 3Page - ATMEL Corporation ATR0625P Datasheet HTML 4Page - ATMEL Corporation ATR0625P Datasheet HTML 5Page - ATMEL Corporation ATR0625P Datasheet HTML 6Page - ATMEL Corporation ATR0625P Datasheet HTML 7Page - ATMEL Corporation ATR0625P Datasheet HTML 8Page - ATMEL Corporation ATR0625P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
4925G–GPS–06/08
ATR0625P
1.
Description
The GPS baseband processor ATR0625P includes a 16-channel GPS correlator and is based
on the ARM7TDMI processor core.
This processor has a high-performance 32-bit RISC architecture and very low power consump-
tion. In addition, a large number of internally banked registers result in very fast exception
handling, making the device ideal for real-time control applications. The ATR0625P has two
USART and an USB device port. This port is compliant with the Universal Serial Bus (USB) V2.0
full-speed device specification.
The ATR0625P includes full GPS SuperSense
® firmware, licensed from u-blox AG, which per-
forms the basic GPS operation, including tracking, acquisition, navigation and position data
output. For normal PVT (Position/Velocity/Time) applications, there is no need for off-chip Flash
memory or ROM.
The firmware supports e.g. the NMEA
® protocol (2.1 and 2.3), a binary protocol for PVT data,
configuration and debugging, the RTCM protocol for DGPS, SBAS (WAAS, EGNOS and MSAS)
and A-GPS (aiding). It is also possible to store the configuration settings in an optional external
EEPROM.
The ATR0625P is manufactured using Atmel®’s high-density CMOS technology. By combining
the ARM7TDMI microcontroller core with on-chip SRAM, 16-channel GPS correlator, and a wide
range of peripheral functions on a monolithic chip, the ATR0625P provides a highly flexible and
cost-effective solution for GPS applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com