| Electronic Components Datasheet Search |
|
M95512-RMN3G/AB Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95512-RMN3G/AB Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 48 page ![]() M95512-W, M95512-R Instructions Doc ID 11124 Rev 13 21/48 The protection features of the device are summarized in Table 6. When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status Register (provided that the WEL bit has previously been set by a WREN instruction), regardless of the logic level applied on the Write Protect (W) input pin. When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be considered, depending on the state of Write Protect (W) input pin: ● If Write Protect (W) is driven high, it is possible to write to the Status Register (provided that the WEL bit has previously been set by a WREN instruction. ● If Write Protect (W) is driven low, it is not possible to write to the Status Register even if the WEL bit has previously been set by a WREN instruction (attempts to write to the Status Register are rejected, and are not accepted for execution). As a consequence, all the data bytes in the memory area that are software-protected (SPM) by the Block Protect (BP1, BP0) bits in the Status Register, are also hardware-protected against data modification. Regardless of the order of the two events, the Hardware-protected mode (HPM) can be entered either: ● by setting the SRWD bit after driving the Write Protect (W) input pin low ● or by driving the Write Protect (W) input pin low after setting the SRWD bit Once entered, the Hardware-protected mode (HPM) can only be exited by pulling Write Protect (W) high. If Write Protect (W) is permanently tied high, the Hardware-protected mode (HPM) can never be activated, and only the Software-protected mode (SPM) using the Block Protect (BP1, BP0) bits in the Status Register, can be used. Table 6. Protection modes W Signal SRWD Bit Mode Write Protection of the Status Register Memory content Protected area(1) 1. As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 2. Unprotected area(1) 10 Software Protected (SPM) Status Register is Writable (if the WREN instruction has set the WEL bit) The values in the BP1 and BP0 bits can be changed Write Protected Ready to accept Write instructions 00 11 01 Hardware Protected (HPM) Status Register is Hardware write protected The values in the BP1 and BP0 bits cannot be changed Write Protected Ready to accept Write instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |