Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57018-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD57018-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD57018-E Datasheet HTML 3Page - STMicroelectronics PD57018-E Datasheet HTML 4Page - STMicroelectronics PD57018-E Datasheet HTML 5Page - STMicroelectronics PD57018-E Datasheet HTML 6Page - STMicroelectronics PD57018-E Datasheet HTML 7Page - STMicroelectronics PD57018-E Datasheet HTML 8Page - STMicroelectronics PD57018-E Datasheet HTML 9Page - STMicroelectronics PD57018-E Datasheet HTML 10Page - STMicroelectronics PD57018-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PD57018-E, PD57018S-E
Typical performance
Doc ID 12214 Rev 4
7/25
Figure 9.
Drain efficiency vs
output power
Figure 10.
Return loss vs output power
0
2
4
6
8
10
12
14
16
18
20
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
70
945 MHz
960 MHz
925 MHz
Vdd = 28 V
Idq = 100 mA
0246
8
10
12
14
16
18
2
Pout, OUTPUT POWER (W)
-35
-30
-25
-20
-15
-10
-5
0
960 MHz
945 MHz
925 MHz
Vdd =28 V
Idq = 100 mA
Figure 11.
Output power vs
bias current
Figure 12.
Efficiency vs bias current
Figure 13.
Output power vs
drain voltage
Figure 14.
Output power vs
gate voltage
0
50
100
150
200
250
300
350
400
Idq, BIAS CURRENT (mA)
16
17
18
19
20
21
22
960 MHz
925 MHz
945 MHz
Pin = .45 W
Vdd =28 V
0
50
100
150
200
250
300
350
400
Idq, BIAS CURRENT (mA)
50
55
60
65
70
925 MHz
945 MHz
960 MHz
Pin = .45 W
Vdd =28 V
15
20
25
30
35
VDS, DRAIN-SOURCE VOLTAGE (V)
0
5
10
15
20
25
960 MHz
925 MHz
945 MHz
Pin = .45 W
Idq = 100 mA
00.5
1
1.522.5
33.5
VGS, GATE BIAS VOLTAGE (V)
0
5
10
15
20
25
945 MHz
960 MHz
925 MHz
VDD = 28 V
Pin = .45 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com