Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57018S-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57018S-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018S-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57018S-E Datasheet HTML 9Page - STMicroelectronics PD57018S-E Datasheet HTML 10Page - STMicroelectronics PD57018S-E Datasheet HTML 11Page - STMicroelectronics PD57018S-E Datasheet HTML 12Page - STMicroelectronics PD57018S-E Datasheet HTML 13Page - STMicroelectronics PD57018S-E Datasheet HTML 14Page - STMicroelectronics PD57018S-E Datasheet HTML 15Page - STMicroelectronics PD57018S-E Datasheet HTML 16Page - STMicroelectronics PD57018S-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PD57018-E, PD57018S-E
Common source s-parameter
Doc ID 12214 Rev 4
13/25
7
Common source s-parameter
Table 9.
S-parameter for PD57018-E (VDS = 28 V IDS = 0.4 A)
Freq
(MHz)
IS11I
S11 < Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
50
0.866
-109
36.21
115
0.020
26
0.556
-93
100
0.834
-140
19.98
92
0.022
5
0.522
-121
150
0.834
-152
13.32
80
0.022
-7
0.546
-131
200
0.846
-158
9.75
70
0.020
-16
0.587
-137
250
0.856
-162
7.50
62
0.019
-21
0.630
-141
300
0.869
-165
5.97
55
0.018
-27
0.676
-145
350
0.880
-168
4.86
48
0.016
-31
0.715
-148
400
0.892
-170
4.05
42
0.015
-34
0.749
-150
450
0.903
-172
3.42
37
0.013
-37
0.778
-153
500
0.911
-174
2.91
33
0.012
-41
0.806
-156
550
0.922
-175
2.52
29
0.010
-42
0.826
-158
600
0.927
-177
2.19
25
0.009
-42
0.844
-160
650
0.933
-178
1.93
21
0.008
-39
0.859
-162
700
0.937
-180
1.72
17
0.006
-42
0.876
-164
750
0.940
179
1.54
14
0.005
-30
0.886
-166
800
0.946
178
1.39
12
0.006
-26
0.896
-168
850
0.950
177
1.25
9
0.004
-21
0.905
-169
900
0.949
176
1.13
6
0.002
-3
0.907
-171
950
0.949
175
1.03
3
0.002
28
0.918
-172
1000
0.951
174
0.95
1
0.003
46
0.920
-173
1050
0.949
173
0.87
-1
0.004
42
0.924
-174
1100
0.948
172
0.82
-3
0.005
62
0.929
-175
1150
0.948
171
0.76
-5
0.005
63
0.929
-177
1200
0.944
169
0.70
-8
0.005
68
0.938
-178
1250
0.947
168
0.67
-10
0.007
75
0.939
-179
1300
0.946
167
0.62
-12
0.008
72
0.941
180
1350
0.949
165
0.58
-14
0.009
72
0.939
179
1400
0.951
165
0.55
-17
0.010
73
0.939
178
1450
0.953
164
0.52
-18
0.010
74
0.941
177
1500
0.950
163
0.48
-20
0.010
83
0.938
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com