Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57018STR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD57018STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018STR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD57018STR-E Datasheet HTML 7Page - STMicroelectronics PD57018STR-E Datasheet HTML 8Page - STMicroelectronics PD57018STR-E Datasheet HTML 9Page - STMicroelectronics PD57018STR-E Datasheet HTML 10Page - STMicroelectronics PD57018STR-E Datasheet HTML 11Page - STMicroelectronics PD57018STR-E Datasheet HTML 12Page - STMicroelectronics PD57018STR-E Datasheet HTML 13Page - STMicroelectronics PD57018STR-E Datasheet HTML 14Page - STMicroelectronics PD57018STR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PD57018-E, PD57018S-E
Test circuit
Doc ID 12214 Rev 4
11/25
R2
1 k
Ω, 1/8 W surface mount chip resistor
FB1, FB2,FB3
Shield bead surface mount EMI
L1, L2
Inductor, 5 turns air wound #22AWG, ID=0.059[1.49], nylon coated
magnet wire
BOARD
Roger ultra lam 2000 THK 0.030”
ε
r = 2.55 2oz ED Cu both sides
1.
Only for PD57018
2.
Only for PD57018S
Table 8.
Test circuit component part list (continued)
Component
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com