Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54003-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD54003-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD54003-E Datasheet HTML 1Page - STMicroelectronics PD54003-E Datasheet HTML 2Page - STMicroelectronics PD54003-E Datasheet HTML 3Page - STMicroelectronics PD54003-E Datasheet HTML 4Page - STMicroelectronics PD54003-E Datasheet HTML 5Page - STMicroelectronics PD54003-E Datasheet HTML 6Page - STMicroelectronics PD54003-E Datasheet HTML 7Page - STMicroelectronics PD54003-E Datasheet HTML 8Page - STMicroelectronics PD54003-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
May 2010
Doc ID 12235 Rev 2
1/27
27
PD54003-E
PD54003S-E
RF POWER transistor, LdmoST plastic family
N-channel enhancement-mode, lateral MOSFETs
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 3 W with 12dB gain @ 500 MHz
■ New RF plastic package
Description
The device is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broadband
commercial and industrial applications. It
operates at 7 V in common source mode at
frequencies of up to 1 GHz. The device features
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology, the PowerSO-10RF.
The superior linearity performance makes it an
ideal solution for portable radios. The PowerSO-
10RF is the first true surface-mount device (SMD)
plastic RF power package. It is based on the
highly reliable PowerSO-10, the first ST-
originated, JEDEC-approved, high-power SMD
package. It has been optimized specifically for RF
requirements, and offers excellent RF
performance as well as ease of assembly.
surface-mount recommendations are available in
application note AN1294 (see www.st.com/rf).
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order code
Package
Packing
PD54003-E
PowerSO-10RF (formed lead)
Tube
PD54003S-E
PowerSO-10RF (straight lead)
Tube
PD54003TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD54003STR-E
PowerSO-10RF (straight lead)
Tape and reel
www.st.com


Similar Part No. - PD54003-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD54003-E STMICROELECTRONICS-PD54003-E Datasheet
445Kb / 28P
RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
21-Mar-2006
More results

Similar Description - PD54003-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com