Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D945GTP Datasheet(PDF) 45 Page - Intel Corporation

Part # D945GTP
Description  Technical Product Specification
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GTP Datasheet(HTML) 45 Page - Intel Corporation

Back Button D945GTP Datasheet HTML 41Page - Intel Corporation D945GTP Datasheet HTML 42Page - Intel Corporation D945GTP Datasheet HTML 43Page - Intel Corporation D945GTP Datasheet HTML 44Page - Intel Corporation D945GTP Datasheet HTML 45Page - Intel Corporation D945GTP Datasheet HTML 46Page - Intel Corporation D945GTP Datasheet HTML 47Page - Intel Corporation D945GTP Datasheet HTML 48Page - Intel Corporation D945GTP Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
45
2 Technical Reference
What This Chapter Contains
2.1
Introduction .................................................................................................................. 45
2.2
Memory Resources ...................................................................................................... 45
2.3
DMA Channels ............................................................................................................. 47
2.4
Fixed I/O Map............................................................................................................... 48
2.5
PCI Configuration Space Map...................................................................................... 49
2.6
Interrupts ......................................................................................................................50
2.7
PCI Conventional Interrupt Routing Map ..................................................................... 51
2.8
Connectors................................................................................................................... 53
2.9
Jumper Block ............................................................................................................... 65
2.10 Mechanical Considerations .......................................................................................... 66
2.11 Electrical Considerations.............................................................................................. 69
2.12 Thermal Considerations ............................................................................................... 71
2.13 Reliability...................................................................................................................... 73
2.14 Environmental .............................................................................................................. 74
2.15 Regulatory Compliance................................................................................................ 75
2.1 Introduction
Sections 2.2 - 2.6 contain several standalone tables. Table 10 describes the system memory map,
Table 11 lists the DMA channels, Table 12 shows the I/O map, Table 13 defines the PCI
Conventional bus configuration space map, and Table 14 describes the interrupts. The remaining
sections in this chapter are introduced by text found with their respective section headings.
2.2 Memory Resources
2.2.1
Addressable Memory
The board utilizes 4 GB of addressable system memory. Typically the address space that is
allocated for PCI Conventional bus add-in cards, PCI Express configuration space, BIOS (SPI
Flash), and chipset overhead resides above the top of DRAM (total system memory). On a system
that has 4 GB of system memory installed, it is not possible to use all of the installed memory due
to system address space being allocated for other system critical functions. These functions include
the following:
• BIOS/ SPI Flash (2 MB)
• Local APIC (19 MB)
• Digital Media Interface (40 MB)
• Front side bus interrupts (17 MB)
• PCI Express configuration space (256 MB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com