Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG33BU Datasheet(PDF) 21 Page - Intel Corporation

Part # DG33BU
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG33BU Datasheet(HTML) 21 Page - Intel Corporation

Back Button DG33BU Datasheet HTML 17Page - Intel Corporation DG33BU Datasheet HTML 18Page - Intel Corporation DG33BU Datasheet HTML 19Page - Intel Corporation DG33BU Datasheet HTML 20Page - Intel Corporation DG33BU Datasheet HTML 21Page - Intel Corporation DG33BU Datasheet HTML 22Page - Intel Corporation DG33BU Datasheet HTML 23Page - Intel Corporation DG33BU Datasheet HTML 24Page - Intel Corporation DG33BU Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Product Description
21
•
HDMI support (when used with the HD Audio Link)
1.6.2
Intel® Viiv™ Processor Technology
This Intel desktop board supports Intel Viiv processor technology. To be eligible for
the Intel Viiv processor technology brand, a system must meet certain hardware and
software requirements. To get the list of requirements for Intel Viiv processor
technology branding as well as all the features supported by Intel Viiv processor
technology, refer to
http://www.intel.com/products/viiv/index.htm
1.6.3
USB
The board supports up to 12 USB 2.0 ports, supports UHCI and EHCI, and uses UHCI-
and EHCI-compatible drivers.
The ICH9DH provides the USB controller for all ports. The port arrangement is as
follows:
•
Six ports are implemented with stacked back panel connectors
•
Six ports are routed to three separate front panel USB headers
For information about
Refer to
The location of the USB connectors on the back panel
Figure 9, page 41
The location of the front panel USB headers
Figure 10, page 42
1.6.4
Serial ATA Interfaces
The board provides four Serial ATA (SATA) connectors, which support one device per
connector.
1.6.4.1
Serial ATA Support
The DG33BU Desktop Board’s Serial ATA controller offers four independent Serial ATA
ports with a theoretical maximum transfer rate of 3 Gbits/sec per port. One device
can be installed on each port for a maximum of four Serial ATA devices. A point-to-
point interface is used for host to device connections, unlike Parallel ATA IDE which
supports a master/slave configuration and two devices per channel.
For compatibility, the underlying Serial ATA functionality is transparent to the
operating system. The Serial ATA controller can operate in both legacy and native
modes. In legacy mode, standard IDE I/O and IRQ resources are assigned (IRQ 14
and 15). In Native mode, standard PCI Conventional bus resource steering is used.
Native mode is the preferred mode for configurations using the Windows* XP
operating system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com