Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201ADY Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG201ADY
Description  Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201ADY Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG201ADY Datasheet HTML 1Page - Maxim Integrated Products DG201ADY Datasheet HTML 2Page - Maxim Integrated Products DG201ADY Datasheet HTML 3Page - Maxim Integrated Products DG201ADY Datasheet HTML 4Page - Maxim Integrated Products DG201ADY Datasheet HTML 5Page - Maxim Integrated Products DG201ADY Datasheet HTML 6Page - Maxim Integrated Products DG201ADY Datasheet HTML 7Page - Maxim Integrated Products DG201ADY Datasheet HTML 8Page - Maxim Integrated Products DG201ADY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The DG201A and DG211 are normally closed, quad
single-pole single-throw (SPST) analog switches. These
CMOS switches can be continuously operated with
power supplies ranging from ±4.5V to ±18V. Maxim
guarantees that these switches will not latch up if the
power supplies are disconnected with input signals still
connected.
Both devices have guaranteed break-before-make
switching. The DG201A differs from the DG211 primari-
ly in switching speeds. The DG201A has a maximum
turn-off time of 450ns and a maximum turn-on time of
600ns. The DG211 has a maximum turn-off time of
500ns and a maximum turn-on time of 1000ns.
Compared to the original manufacturer’s products,
Maxim’s DG201A and DG211 consume significantly
lower power making them better suited for portable
applications. Maxim has also eliminated the need for
the third (VL) power supply that is required for the oper-
ation of the original manufacturer’s DG211.
Applications
Winchester Disk Drives
Test Equipment
Communications Systems
PBX, PABX
Guidance and Control Systems
Head Up Displays
Military Radios
Features
♦ Guaranteed ±4.5V to ±18V Operation
♦ No VL Supply Required
♦ Nonlatching with Supplies Turned Off and Input
Signals Present
♦ CMOS and TTL Logic Compatible
♦ Monolithic, Low-Power CMOS Design
Quad SPST CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
DIP/SO/TSSOP
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG201A
DG211
N.C.
S3
D3
IN3
IN4
D4
S4
GND
Pin Configurations
Ordering Information
19-3959; Rev 2; 5/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DG201ACUE
0
°C to +70°C
16 TSSOP
DG201ACSE
0
°C to +70°C
16 SO
DG201ACJ
0
°C to +70°C
16 Plastic DIP
DG201C/D
0
°C to +70°C
Dice
DG201AEGE
-40
°C to +85°C
16 QFN (5
✕ 5)
DG201AEUE
-40
°C to +85°C
16 TSSOP
DG201ADY
-40
°C to +85°C
16 SO
DG201ADJ
-40
°C to +85°C
16 Plastic DIP
DG201AAK
-55
°C to +125°C
16 CERDIP
DG201ABK
-25
°C to +85°C
16 CERDIP
DG211CUE
0
°C to +70°C
16 TSSOP
DG211CSE
0
°C to +70°C
16 SO
DG211CJ
0
°C to +70°C
16 Plastic DIP
DG211C/D
0
°C to +70°C
Dice
DG211EGE
-40
°C to +85°C
16 QFN (5
✕ 5)
DG211EUE
-40
°C to +85°C
16 TSSOP
DG211DY
-40
°C to +85°C
16 SO
DG211DJ
-40
°C to +85°C
16 Plastic DIP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
+15V
DG201A
DG211
-15V
VIN x 10V
*
*
*
*
5k
Ω
10k
Ω
40k
Ω
20k
Ω
5k
Ω
VOUT
PROGRAMMABLE GAIN AMPLIFIER
NOTE: *PINS 1, 8, 9, AND 16 ARE LOGIC CONTROL INPUTS
Typical Operating Circuit
Pin Configurations continued at end of data sheet.


Similar Part No. - DG201ADY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
230Kb / 7P
Quad SPST, CMOS Analog Switches
May 2001
logo
Vishay Siliconix
DG201A-MIL VISHAY-DG201A-MIL Datasheet
227Kb / 18P
Monolithic Quad SPST CMOS Analog Switches
21-Feb-00
logo
Intersil Corporation
DG201AAK INTERSIL-DG201AAK Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
More results

Similar Description - DG201ADY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
Quad SPST CMOS Analog Switches
30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com