Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 239 page
background image
ST10F276Z5
Internal Flash memory
25/239
4
Internal Flash memory
4.1
Overview
The on-chip Flash is composed by two matrix modules each one containing one array
divided in two banks that can be read and modified independently one of the other: one
bank can be read while another bank is under modification.
Figure 4.
Flash modules structure
The write operations of the 4 banks are managed by an embedded Flash program/erase
controller (FPEC). The high voltages needed for program/erase operations are internally
generated.
The data bus is 32-bit wide. Due to ST10 core architecture limitation, only the first
512 Kbytes are accessed at 32-bit (internal Flash bus, see I-BUS), while the remaining
320 Kbytes are accessed at 16-bit (see X-BUS).
4.2
Functional description
4.2.1
Structure
The following table shows the address space reserved to the Flash module.
Bank 1: 128 Kbyte
Bank 0: 384 Kbyte
program memory
HV and Ref.
generator
Program/erase
controller
I-BUS interface
+
8 Kbyte test-Flash
Bank 3: 128 Kbyte
Bank 2: 192 Kbyte
program memory
XFLASH (Module X)
X-BUS interface
IFLASH (Module I)
Control section
program memory
program memory
Table 3.
Flash modules absolute mapping
Description
Addresses
Size
IFLASH sectors
0x00 0000 to 0x08 FFFF
512 Kbyte
XFLASH sectors
0x09 0000 to 0x0D FFFF
320 Kbyte
Registers and Flash internal reserved
area
0x0E 0000 to 0x0E FFFF
64 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com