Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5T3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10F276Z5T3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5T3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10F276Z5T3 Datasheet HTML 37Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 38Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 39Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 40Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 41Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 42Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 43Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 44Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 239 page
background image
ST10F276Z5
Internal Flash memory
41/239
4.5.8
Flash non volatile access protection register 1 high
4.5.9
Access protection
The Flash modules have one level of access protection (access to data both in Reading and
Writing): if bit ACCP of FNVAPR0 is programmed at 0, the IFlash module become access
protected: data in the IFlash module can be read/written only if the current execution is from
the IFlash module itself.
Protection can be permanently disabled by programming bit PDS0 of FNVAPR1H, in order
to analyze rejects. Allowing PDS0 bit programming only when ACCP bit is programmed,
guarantees that only an execution from the Flash itself can disable the protections.
Protection can be permanently enabled again by programming bit PEN0 of FNVAPR1L. The
action to disable and enable again Access Protections in a permanent way can be executed
a maximum of 16 times.
Trying to write into the access protected Flash from internal RAM will be unsuccessful.
Trying to read into the access protected Flash from internal RAM will output a dummy data.
When the Flash module is protected in access, also the data access through PEC of a
peripheral is forbidden. To read/write data in PEC mode from/to a protected Bank, first it is
necessary to temporary unprotect the Flash module.
Due to ST10 architecture, the XFLASH is seen as external memory: this makes impossible
to access protect it from real external memory or internal RAM. In the following table a
summary of all levels of possible Access protection is reported: in particular, supposing to
enable all possible access protections, when fetching from a memory as listed in the first
column, what is possible and what is not possible to do (see column headers) is shown in
the table.
FNVAPR1H (0x0E DFBE)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
987
65432
10
PEN15 PEN14 PEN13 PEN12 PEN11 PEN10 PEN9
PEN8
PEN7
PEN6
PEN5
PEN4
PEN3
PEN2
PEN1
PEN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 26.
Flash non volatile access protection register 1 high
Bit
Function
PEN15-0
Protections Enable 15-0
If bit PENx is programmed at 0 and bit PDSx+1 is erased at 1, the action of bit ACCP
is enabled again. Bit PENx can be programmed at 0 only if bit PDSx has already been
programmed at 0.
Table 27.
Summary of access protection level
Read IFLASH /
Jump to
IFLASH
Read XFLASH
/Jump to
XFLASH
Read FLASH
Registers
Write FLASH
Registers
Fetching from IFLASH
Yes / Yes
Yes / Yes
Yes
Yes
Fetching from XFLASH
No / Yes
Yes / Yes
Yes
No
Fetching from IRAM
No / Yes
Yes / Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com