Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 54Page - STMicroelectronics ST10F276Z5 Datasheet HTML 55Page - STMicroelectronics ST10F276Z5 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 239 page
background image
Bootstrap loader
ST10F276Z5
58/239
standard baud rate in this case would be 1200 baud. Baud rates below BLow would cause
T6 to overflow. In this case, ASC0 cannot be initialized properly.
The maximum baud rate (BHigh in Figure 10) is the highest baud rate where the deviation
still does not exceed the limit, that is, all baud rates between BLow and BHigh are below the
deviation limit. The maximum standard baud rate that fulfills this requirement is 19200 baud.
Higher baud rates, however, may be used as long as the actual deviation does not exceed
the limit. A certain baud rate (marked “I” in Figure 10) may, for example, violate the deviation
limit, while an even higher baud rate (marked “II” in Figure 10) stays well below it. This
depends on the host interface.
5.4
Standard bootstrap with CAN
5.4.1
Features
The bootstrap via CAN has the same overall behavior as the bootstrap via UART:
●
Same bootstrapping steps;
●
Same bootstrap method: Analyze the timing of a predefined frame, send back an
acknowledge frame BUT only on request, load a fixed number of bytes and run;
●
Same functionalities: Boot with different crystals and PLL ratios.
Figure 11.
CAN bootstrap loader sequence
1.
BSL initialization time, > 1ms @ fCPU = 40 MHz.
2.
Zero frame (CAN message: standard ID = 0, DLC = 0), sent by host.
3.
CAN message (standard ID = E6h, DLC = 3, Data0 = D5h, Data1-Data2 = IDCHIP_low-high), sent by the ST10F276Z5 on
request.
4.
128 bytes of code / data, sent by host.
5.
Caution: CAN1_TxD is only driven a certain time after reception of the zero byte (1.3ms @ fCPU = 40 MHz).
6.
Internal Boot ROM / Test-Flash.
Int. Boot ROM / Test-Flash BSL-routine
128bytes
2)
3)
user software
4)
6)
1)
5)
P0L.4
CAN1_TxD
CAN1_RxD
CSP:IP
RSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com