Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57006-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD57006-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD57006-E Datasheet HTML 8Page - STMicroelectronics PD57006-E Datasheet HTML 9Page - STMicroelectronics PD57006-E Datasheet HTML 10Page - STMicroelectronics PD57006-E Datasheet HTML 11Page - STMicroelectronics PD57006-E Datasheet HTML 12Page - STMicroelectronics PD57006-E Datasheet HTML 13Page - STMicroelectronics PD57006-E Datasheet HTML 14Page - STMicroelectronics PD57006-E Datasheet HTML 15Page - STMicroelectronics PD57006-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Test circuit
PD57006-E, PD57006S-E
12/22
Doc ID 12611 Rev 2
5
Test circuit
Figure 24.
Test circuit schematic
Table 8.
Test circuit component part list
B1, B2
SHORT FERRITE BEAD, FAIR
RITE PRODUCTS (2743021446)
R2
18 k
Ω CHIP RESISTOR 1 W
C1, C2, C11,
C14
47 pF, 100B ATC CHIP
CAPACITOR
R3
4.7 m
Ω CHIP RESISTOR 1 W
C5
1000 pF, 100B ATC CHIP
CAPACITOR
R4
12 k
Ω CHIP RESISTOR 1 W
C4, C12
.01
μF, VENKEL CHIP
CAPACITOR
Z1
0.430” X 0.084” MICROSTRIP
C3, C13
220 μF, 63 V ELECTROLYTIC
CAPACITOR
Z2
0.1.186” X 1.120” MICROSTRIP
C10
100 pF, 100B ATC CHIP
CAPACITOR
Z3
1.273” X 0.565” MICROSTRIP
C9
6.2 pF, 100B ATC CHIP
CAPACITOR
Z4
0.770” X 0.171” MICROSTRIP
C7, C8
08-8 pF VARIABLE CAPACITOR
JOHANSON
Z5
0.880” X 0.105” MICROSTRIP
L1
15 nH, 3 TURN, .140” DIA. 22
AWG BELDEN 8021 BLIS PER
WIRE
Z6
1.200” X 0.084” MICROSTRIP
N1, N2
TYPE N FLANGE MOUNT
BOARD
ROGER ULTRA LAM 2000 THK
0.030”
ε
r = 2.55 2oz ED Cu
BOTH SIDES
R1
100
Ω CHIP RESISTOR 1 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com