Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NM60N
Description  N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NM60N Datasheet HTML 1Page - STMicroelectronics STP11NM60N Datasheet HTML 2Page - STMicroelectronics STP11NM60N Datasheet HTML 3Page - STMicroelectronics STP11NM60N Datasheet HTML 4Page - STMicroelectronics STP11NM60N Datasheet HTML 5Page - STMicroelectronics STP11NM60N Datasheet HTML 6Page - STMicroelectronics STP11NM60N Datasheet HTML 7Page - STMicroelectronics STP11NM60N Datasheet HTML 8Page - STMicroelectronics STP11NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March 2009
Rev 5
1/20
20
STx11NM60N
N-channel 600 V, 0.37
Ω, 10 A MDmesh™ II Power MOSFET
TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
This series of devices is designed using the
second generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@TJmax)
RDS(on)
max
ID
STB11NM60N-1
STB11NM60N
STD11NM60N
STD11NM60N-1
STF11NM60N
STP11NM60N
650 V
650 V
650 V
650 V
650 V
650 V
0.45
Ω
0.45
Ω
0.45
Ω
0.45
Ω
0.45
Ω
0.45
Ω
10 A
10 A
10 A
10 A
10 A(1)
10 A
1.
Limited only by maximum temperature allowed
TO-220
TO-220FP
DPAK
IPAK
1
2
3
1
2
3
1
3
3
2
1
1
2
3
I²PAK
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB11NM60N-1
B11NM60N
I²PAK
Tube
STB11NM60N
11NM60N
D²PAK
Tape and reel
STD11NM60N-1
D11NM60N
IPAK
Tube
STD11NM60N
D11NM60N
DPAK
Tape and reel
STP11NM60N
P11NM60N
TO-220
Tube
STF11NM60N
F11NM60N
TO-220FP
Tube
www.st.com


Similar Part No. - STP11NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60N STMICROELECTRONICS-STP11NM60N Datasheet
470Kb / 17P
N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
14-Nov-2006
STP11NM60N STMICROELECTRONICS-STP11NM60N Datasheet
489Kb / 18P
N-channel 600V - 0.37Ω - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
02-Oct-2007
STP11NM60N STMICROELECTRONICS-STP11NM60N Datasheet
623Kb / 21P
N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
03-Mar-2008
logo
Inchange Semiconductor ...
STP11NM60N ISC-STP11NM60N Datasheet
319Kb / 2P
isc N-Channel Mosfet Transistor
logo
VBsemi Electronics Co.,...
STP11NM60N VBSEMI-STP11NM60N Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STP11NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
03-Mar-2008
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
16-Apr-2008
STB12NM50N STMICROELECTRONICS-STB12NM50N_08 Datasheet
588Kb / 19P
N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
24-Jul-2008
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
N-channel 600V - 0.37Ω - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
23-Apr-2008
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Nov-2008
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
25-Oct-2010
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
24-Nov-2010
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
N-channel 600 V, 0.85 Ω, 4.6 A MDmesh™ II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Jan-2009
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com