Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SMY6F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41T83SMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SMY6F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41T83SMY6F Datasheet HTML 21Page - STMicroelectronics M41T83SMY6F Datasheet HTML 22Page - STMicroelectronics M41T83SMY6F Datasheet HTML 23Page - STMicroelectronics M41T83SMY6F Datasheet HTML 24Page - STMicroelectronics M41T83SMY6F Datasheet HTML 25Page - STMicroelectronics M41T83SMY6F Datasheet HTML 26Page - STMicroelectronics M41T83SMY6F Datasheet HTML 27Page - STMicroelectronics M41T83SMY6F Datasheet HTML 28Page - STMicroelectronics M41T83SMY6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
M41T82-M41T83
Clock operation
Doc ID 12578 Rev 12
25/61
3.3
Real-time clock accuracy
The M41T8x is driven by a quartz controlled oscillator with a nominal frequency of
32,768 Hz. The accuracy of the real-time clock is dependent upon the accuracy of the
crystal, and the match between the capacitive load of the oscillator circuit and the capacitive
load for which the crystal was trimmed. Temperature also affects the crystal frequency,
causing additional error (see Figure 17 on page 30).
The M41T8x provides the option of clock correction through either manufacturing calibration
or in-application calibration. The total possible compensation is typically –93 ppm to +156
ppm. The two compensation circuits that are available are:
1.
An analog calibration register (12h) can be used to adjust internal (on-chip) load
capacitors for oscillator capacitance trimming. The individual load capacitors CXI and
CXO (see Figure 16), are selectable from a range of –18 pF to +9.75 pF in steps of
0.25 pF. This translates to a calculated compensation of approximately ±30 ppm (see
Section 3.4.2: Analog calibration (programmable load capacitance) on page 29).
2.
A digital calibration register (08h) can also be used to adjust the clock counter by
adding or subtracting a pulse at the 512 Hz divider stage. This approach provides
periodic compensation of approximately –63 ppm to +126 ppm (see Section 3.4.1:
Digital calibration (periodic counter correction) on page 26).
Figure 16.
Internal load capacitance adjustment
AI11804
XO
XI
Crystal Oscillator
CXI
CXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com