Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7306 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7306
Description  SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7306 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7306 Datasheet HTML 15Page - Maxim Integrated Products MAX7306 Datasheet HTML 16Page - Maxim Integrated Products MAX7306 Datasheet HTML 17Page - Maxim Integrated Products MAX7306 Datasheet HTML 18Page - Maxim Integrated Products MAX7306 Datasheet HTML 19Page - Maxim Integrated Products MAX7306 Datasheet HTML 20Page - Maxim Integrated Products MAX7306 Datasheet HTML 21Page - Maxim Integrated Products MAX7306 Datasheet HTML 22Page - Maxim Integrated Products MAX7306 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SMBus/I2C Interfaced 4-Port, Level-Translating
GPIOs and LED Drivers
______________________________________________________________________________________
21
nominally 31ms after the start of a valid serial transfer,
the interface resets itself and sets up SDA as an input.
The MAX7306/MAX7307 then waits for another START
condition.
Applications Information
Hot Insertion
Serial interfaces SDA, SCL (and AD0 for the MAX7306)
remain high impedance with up to 5.5V asserted on
them when the MAX7306/MAX7307 are powered down
(VDD = 0V), independent of the voltages on the port
supply VLA. When VDD = 0V, or if VDD falls below the
MAX7306/MAX7307’s reset threshold, all I/O ports
become high impedance. Ports P2 through P4 remain
high impedance to signals between 0V and the port
supply VLA for the MAX7307 and VDD for the MAX7306.
Port P1 goes high impedance to signals up to 5.5V. If a
signal outside this range is applied to a port, the port’s
protection diodes clamp the input signal to VLA or 0V,
as appropriate. If the MAX7307’s VLA is lower than the
input signal, the port pulls up VLA, and the protection
diode effectively powers any load on VLA from the input
signal. This behavior is safe if the current through each
protection diode is limited to 10mA.
If it is important that I/O ports remain high impedance
when all the supplies are powered down, including
the port supply VLA, then ensure that there is no direct
or parasitic path for the MAX7306/MAX7307 input signals
to drive current into either the regulator providing VLA
or other circuits powered from VLA. One simple way to
achieve this is with a series small-signal Schottky
diode, such as the BAT54, between the port supply
and the VLA input.
I/O Level Translation
The open-drain output configuration of the ports allows
them to level translate the outputs to lower (but not
higher) voltages than the VLA supply. An external
pullup resistor converts the high-impedance, logic-high
condition to a positive voltage level. Connect the resis-
tor to any voltage up to VLA. For interfacing CMOS
inputs, a pullup resistor value of 220k
Ω is a good start-
ing point. Use a lower resistance to improve noise
immunity, in applications where power consumption is
less critical, or where a faster rise time is needed for a
given capacitive load.
Driving LED Loads
When driving LEDs, use a resistor in series with the
LED to limit the LED current to no more than 25mA.
Choose the resistor value according to the following
formula:
RLED = (VSUPPLY - VLED - VOL) / ILED
where:
RLED is the resistance of the resistor in series with
the LED (
Ω)
VSUPPLY is the supply voltage used to drive the
LED (V)
VLED is the forward voltage of the LED (V)
VOL is the output low voltage of the MAX7306/
MAX7307 when sinking ILED (V)
ILED is the desired operating current of the LED (A).
For example, to operate a 2.2V red LED at 20mA from a
5V supply, RLED = (5 - 2.2 - 0.2) / 0.020 = 100
Ω.
Driving Load Currents Higher than 25mA
The MAX7306/MAX7307 can sink current from loads
drawing more than 25mA by sharing the load across
multiple ports configured as open-drain outputs. Use at
least one output per 25mA of load current; for example,
drive a 90mA white LED with four ports.
The register structure of the MAX7306/MAX7307 allows
only one port to be manipulated at a time. Do not con-
nect ports directly in parallel because multiple ports
cannot be switched high or low at the same time, which
is necessary to share a load safely. Multiple ports can
drive high-current LEDs because each port can use its
own external current-limiting resistor to set that port’s
current through the LED.
Power-Supply Considerations
The MAX7306/MAX7307 operate with a VDD power-sup-
ply voltage of 1.62V to 3.6V. Bypass VDD to GND with a
0.1µF capacitor as close as possible to the device. The
port supply VLA is connected to a supply voltage
between 1.40V and 5.5V and bypassed with a 0.1µF
capacitor as close as possible to the device. The VDD
supply and port supply are independent and can be
connected to different voltages or the same supply as
required.
Power supplies VDD and VLA can be sequenced in
either order or together.
For the MAX7307, when a push-pull port is acting as an
input referenced to VCC, make sure the VLA voltage is
greater than VCC - 0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com