Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1727 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1727
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1727 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1727_04 Datasheet HTML 1Page - STMicroelectronics SD1727_04 Datasheet HTML 2Page - STMicroelectronics SD1727_04 Datasheet HTML 3Page - STMicroelectronics SD1727_04 Datasheet HTML 4Page - STMicroelectronics SD1727_04 Datasheet HTML 5Page - STMicroelectronics SD1727_04 Datasheet HTML 6Page - STMicroelectronics SD1727_04 Datasheet HTML 7Page - STMicroelectronics SD1727_04 Datasheet HTML 8Page - STMicroelectronics SD1727_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
SD1727 (THX15)
2/9
Table 2. Absolute Maximum Ratings (Tcase = 25°C)
Table 3. Thermal Data
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
Table 4. Static
Table 5. Dynamic
Note: The SD1727 is also usable in Class A at 40 V. Typical performance is:
POUT = 30 W PEP, GP = 14 dB, IMD = – 40dBc
Note: 1. f1 = 30.00 MHz; f2 = 30.001 MHz
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
233
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
– 65 to +150
°C
Symbol
Parameter
Value
Unit
RTH(j-c)
Junction-Case Thermal Resistance
0.75
°C/W
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC = 100 mA; IE = 0 mA
110
—
—
V
BVCES
IC = 100 mA; VBE = 0 V
110
—
—
V
BVCEO
IC = 100 mA; IB = 0 mA
55
—
—
V
BVEBO
IE = 10 mA; IC = 0 mA
4.0
—
—
V
ICEO
VCE = 30 V; IE = 0 mA
—
—
5
mA
ICES
VCE = 60 V; IE = 0 mA
—
—
5
mA
hFE
VCE = 6 V; IC = 1.4 A
18
—
43.5
—
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f = 30 MHz; VCE = 50 V; ICQ = 100 mA
150
—
—
W
GP
(1)
POUT = 150 W PEP; VCE = 50 V; ICQ = 100 mA
14
—
—
dB
IMD (1)
POUT = 150 W PEP; VCE = 50 V; ICQ = 100 mA
—
—
–30
dBc
ηc(1)
POUT = 150 W PEP; VCE = 50 V; ICQ = 100 mA
37
—
—
%
COB
f = 1 MHz; VCB = 50 V
—
—
220
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com