Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-RCS6TG/K Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95256-RCS6TG/K
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RCS6TG/K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95256-RCS6TG/K Datasheet HTML 14Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 15Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 16Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 17Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 18Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 19Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 20Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 21Page - STMicroelectronics M95256-RCS6TG/K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Instructions
M95256-DR, M95256, M95256-W, M95256-R
18/48
Doc ID 12276 Rev 11
5.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must have been
previously executed.
The Write Status Register (WRSR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code, the data byte on Serial Data Input (D) and the Chip Select
(S) driven High. Chip Select (S) must be driven High after the rising edge of Serial Clock (C)
that latches in the eighth bit of the data byte, and before the next rising edge of Serial Clock
(C). Otherwise, the Write Status Register (WRSR) instruction is not properly executed.
The instruction sequence is shown in Figure 9.
Driving the Select (S) High at a byte boundary of the input data triggers the self timed Write
cycle, and continues for a period tW (as specified in Table 17, Table 18, Table 19 and
Table 20). While the Write Status Register cycle is in progress, the Status Register may still
be read to check the value of the Write In Progress (WIP) bit: the WIP bit is 1 during the self-
timed Write cycle tW, and is 0 when the Write cycle is completed. The WEL bit (Write Enable
Latch) is also reset when the Write cycle tW is completed.
The Write Status Register (WRSR) instruction allows the user to change the values of the
BP1, BP0 bits and the SRWD bit:
●
The Block Protect (BP1, BP0) bits define the size of the area that is to be treated as
read only, as defined in Table 2.
●
The SRWD bit (Status Register Write Disable bit), in accordance with the signal read
on the Write Protect pin (W), allows the user to set or reset the Write protection mode
of the Status Register itself, as defined in Table 6 When in Write Protected mode, the
Write Status Register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the
WRSR instruction, including the tW Write cycle.
The Write Status Register (WRSR) instruction has no effect on bits b6, b5, b4, b1, b0 of the
Status Register. Bits b6, b5, b4 are always read as 0.
Table 6.
Protection modes
W signal
SRWD
bit
Mode
Write protection of the
Status Register
Memory content
Protected area(1)
1.
As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 6.
Unprotected area(1)
10
Software
Protected
(SPM)
Status Register is
Writable (if the WREN
instruction has set the
WEL bit)
The values in the BP1
and BP0 bits can be
changed
Write-protected
Ready to accept Write
instructions
00
11
01
Hardware
Protected
(HPM)
Status Register is
Hardware write
protected
The values in the BP1
and BP0 bits cannot be
changed
Write-protected
Ready to accept Write
instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com