Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF01HSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # REF01HSA
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01HSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  REF01HSA Datasheet HTML 1Page - Maxim Integrated Products REF01HSA Datasheet HTML 2Page - Maxim Integrated Products REF01HSA Datasheet HTML 3Page - Maxim Integrated Products REF01HSA Datasheet HTML 4Page - Maxim Integrated Products REF01HSA Datasheet HTML 5Page - Maxim Integrated Products REF01HSA Datasheet HTML 6Page - Maxim Integrated Products REF01HSA Datasheet HTML 7Page - Maxim Integrated Products REF01HSA Datasheet HTML 8Page - Maxim Integrated Products REF01HSA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
+5V, +10V Precision
Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS–REF01
ELECTRICAL CHARACTERISTICS—REF01E/REF01H
(VIN = +15V, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—REF01E/REF01H
(VIN = +15V, 0°C
≤ TA ≤ +70°C for REF01E and REF01H, IL = 0mA, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Input Voltage
REF01, E, H .........................................................................40V
REF01C ...............................................................................30V
Continuous Power Dissipation
Plastic Dip (P) (derate at 5.6mW/°C above +36°C) .....500mW
Small Outline (S) (derate at 5.0mW/°C above +55°C) ..300mW
Output Short-Circuit Duration
(to ground or VIN) .......................................................Indefinite
Storage Temperature Range .............................-65°C to +150°C
Operating Temperature Range
REF01E, REF01H, REF01C
(except REF01CESA)...........................................0°C to +70°C
REF01CESA ......................................................-40°C to +85°C
Lead Temperature (soldering, 60s) .................................+300°C
REF01E
REF01H
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Voltage
VO
IL = 0
9.97
10.00
10.03
9.95
10.00
10.05
V
Output Adjustment Range
∆Vtrim
RP = 10k
Ω
±3.0
±6.0
±3.0
±6.0
%
Output Voltage Noise
enP-P
0.1Hz to 10Hz (Note 1)
20
30
20
30
µVP-P
Line Regulation
VIN = 13V to 33V (Note 2)
0.006
0.010
0.006
0.010
%/V
Load Regulation
IL = 0 to 10mA (Note 2)
0.005
0.008
0.006
0.010
%/mA
Turn-On Settling Time
tON
To ±0.1% of final value
400
400
µs
Quiescent Supply Current
ISY
No load
1.0
1.4
1.0
1.4
mA
Load Current
IL
To specified output
voltage tolerance
10
21
10
21
mA
Sink Current
IS
To specified output
voltage tolerance
0.3
0.5
0.3
0.5
mA
Short-Circuit Current
ISC
VO = 0V
30
30
mA
REF01E
REF01H
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Voltage Change with
Temperature
∆VOT
0°C
≤ TA ≤ +70°C
(Note 3)
0.02
0.06
0.07
0.17
%
Output Voltage Temperature
Coefficient
TCVO
(Note 4)
3
8.5
10.0
25.0
ppm/°C
Change in VO Temperature
Coefficient with Output
Adjustment
RP = 10kΩ
0.7
0.7
ppm/%
Line Regulation
(VIN = 13V to 33V)
0°C
≤ TA ≤ +70°C
(Note 2)
0.007
0.012
0.007
0.012
%/V
Load Regulation
(IL = 0 to 8mA)
0°C
≤ TA ≤ +70°C
(Note 2)
0.006
0.010
0.007
0.012
%/mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com