Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4811M Datasheet(PDF) 27 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 23Page - STMicroelectronics STW4811M Datasheet HTML 24Page - STMicroelectronics STW4811M Datasheet HTML 25Page - STMicroelectronics STW4811M Datasheet HTML 26Page - STMicroelectronics STW4811M Datasheet HTML 27Page - STMicroelectronics STW4811M Datasheet HTML 28Page - STMicroelectronics STW4811M Datasheet HTML 29Page - STMicroelectronics STW4811M Datasheet HTML 30Page - STMicroelectronics STW4811M Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
STw4811M/STw4811N
Functional description
CD00131784
27/85
USB interrupt source register
USB interrupt source register indicates the current state of the signals that can generate an
interrupt.
USB latch register
USB interrupt latch register indicates which source has generated an interrupt.
Table 13.
USB Interrupt source register (address = 08h)
7
65432
10
cr_int
bdis_acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_vld
RRRRR
RRR
Bits
Name
Value
Settings
Default
7cr_int
0
1
Inactive
DP ball is above the carkit interrupt threshold
0
6
bdis_acon
0
1
Inactive
Set when bdis_acon_en is set, and transceiver
asserts dp_pullup after detecting B-device
disconnect.
0
5
id_float
0
1
Inactive
ID ball floating
0
4
dn_hi
0
1
Inactive
DN ball is high
0
3
id_gnd_forced
0
1
Inactive
ID ball grounded
0
2
dp_hi
0
1
Inactive
DP asserted during SRP,
0
1
sess_vld
0
1
Session valid comparator threshold < 2V
2 V < Session valid comparator threshold
0
0
vbus_vld
0
1
A-device VBUS valid comparator threshold < 4.4V
A-device VBUS valid comparator threshold > 4.4V
0
Table 14.
USB interrupt latch registers (address = 0Ah set and 0Bh clearh)
Register
76543
210
Bit name
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_
vld
vbus_
vld
Default
00000
000
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com