Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4811MBHD/LF Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW4811MBHD/LF
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHD/LF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW4811MBHD/LF Datasheet HTML 24Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 25Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 26Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 27Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 28Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 29Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 30Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 31Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
Functional description
STw4811M/STw4811N
28/85
CD00131784
USB interrupt enable low register
USB interrupt enable low register enables interrupts on transition from high to low.
USB interrupt enable high register
USB interrupt enable high register enables interrupts on transition from low to high.
Interrupts
Table 13 indicates the signals that can generate interrupts. Any of the signals given in
Table 13 can generate an interrupt when the signal becomes either low or high. After an
interrupt, the OTG controller is able to read each signal status as well as the bit that
indicates whether or not that signal generated the interrupt.
A bit in the
interrupt latch register is set when any of the following occurs:
●
writing “1” to its set address causes the corresponding bit to be set.
●
the corresponding bit in the
interrupt enable high register is set, and the associated
signal changes from low to high
●
the corresponding bit in the
interrupt enable low register is set, and the associated
signal changes from high to low
The
interrupt latch register is cleared by writing “1” to its clear address.
Table 15.
USB interrupt enable low register (address = 0Ch and 0Dh)
76
5432
1
0
cr_int
bdis_acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_
vld
00
0000
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 16.
USB interrupt enable high register (address = 0Eh and 0Fh)
765
432
1
0
cr_int
bdis_acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vld
vbus_vl
d
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com