Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE12PS Datasheet(PDF) 14 Page - STMicroelectronics

Part # STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE12PS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STE12PS Datasheet HTML 10Page - STMicroelectronics STE12PS Datasheet HTML 11Page - STMicroelectronics STE12PS Datasheet HTML 12Page - STMicroelectronics STE12PS Datasheet HTML 13Page - STMicroelectronics STE12PS Datasheet HTML 14Page - STMicroelectronics STE12PS Datasheet HTML 15Page - STMicroelectronics STE12PS Datasheet HTML 16Page - STMicroelectronics STE12PS Datasheet HTML 17Page - STMicroelectronics STE12PS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STE12PS
14/44
3.3
Power ON
After the classification phase the port will be powered.
Once activated, the power-on sequencer manages the channel’s activation requests
received through the signature detection circuitry. For the incoming channel, activation
requests are stored in the power-on sequencer and then serviced, one at a time, only when
the previously activated channel leaves the current limiting condition that normally occurs
during power on due to the capacitive part of the load. (see also smart-power mode and
special issues)
A port is turned-on by ramping-up the voltage and increasing the current limit to its upper
limit. After a programmable time (Tinrush), if the port has reached full voltage and is out of
current limitation, it is marked as powered. The related port power bit and the power class
bits are set according to the class in the logic interface bit stream.
The active ports are continuously monitored in order to detect a fault condition such as
Short Circuit, Disconnection or Excess Power (overload).
3.3.1
Under load (disconnection)
Detection of a disconnection, if enabled (default condition), can be performed via a DC and/or AC
method - default is DC
AC (logical OR):
DC method
If this method is selected via the logic interface and if the port current drops under
7.5mA for more than 10ms, then the STE12PS will detect a DC disconnection. If this
condition persist for Tmpdo (
Table 12), then power is removed and the port is marked
as free, enabling a new detection.
AC method
If this method is selected via the logic interface, the STE12PS probes the channels via
coupling capacitors and detects when the AC load impedance, Zac, exceeds the
maximum, 100k
Ω limit for a time longer than 20ms. In this case, the PSE will detect an
AC disconnection. If this condition persist for a time Tmpdo (
Table 12), power is
removed and the port is marked as free, enabling a new detection.
Disconnection modes are as following: Disabled, DC method only, AC method only, both AC
and DC (combined in OR
⊕ logic or in AND ⊗ logic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com