Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-STE12PS Datasheet(PDF) 23 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button E-STE12PS Datasheet HTML 19Page - STMicroelectronics E-STE12PS Datasheet HTML 20Page - STMicroelectronics E-STE12PS Datasheet HTML 21Page - STMicroelectronics E-STE12PS Datasheet HTML 22Page - STMicroelectronics E-STE12PS Datasheet HTML 23Page - STMicroelectronics E-STE12PS Datasheet HTML 24Page - STMicroelectronics E-STE12PS Datasheet HTML 25Page - STMicroelectronics E-STE12PS Datasheet HTML 26Page - STMicroelectronics E-STE12PS Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
23/44
All the functions that manage the six "boost" channels must be implemented by an external
microcontroller.
Figure 9.
Power boost mode
Figure 10.
Crystal oscillator
Det/Class
+48V
12-bit A/D
converter
Digital
controller
D1
x12
D2
x4
VL
Power-on ctrl,
Inrushcurrent
limiting
SSRP
SC
+
-
Power EN
Short Flag
RMONS
RMONF
HQGND
AC disconnect detector
~
AC_Discon flag
ACS
MC
SP
MC
300nF
X4
Power
DMOS
X8
Rmon
( 500xRsense)
SSRP
MC
MC
SC
Rsense
Det/Class
Det/Class
12-bit A/D
converter
12-bit A/D
converter
Digital
controller
Digital
controller
D1
x12
D2
x4
STE12PS
VL
Power-on ctrl,
Inrushcurrent
limiting
SSRP
SC
+
-
Power EN
Short Flag
RMONS
RMONF
HQGND
AC disconnect detector
~
AC_Discon flag
ACS
MC
SP
MC
300nF
X4
Power
DMOS
X8
Rmon
( 500xRsense)
SSRP
MC
MC
SC
Rsense
MCLKoutCLKgen1
CLKgen2
CLKgen3
16pF
16pF
6MHz Crystal
STE12PS
MCLKoutCLKgen1
CLKgen2
CLKgen3
16pF
16pF
6MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com