Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP19NC60HD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP19NC60HD
Description  19 A - 600 V - very fast IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60HD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP19NC60HD Datasheet HTML 4Page - STMicroelectronics STGP19NC60HD Datasheet HTML 5Page - STMicroelectronics STGP19NC60HD Datasheet HTML 6Page - STMicroelectronics STGP19NC60HD Datasheet HTML 7Page - STMicroelectronics STGP19NC60HD Datasheet HTML 8Page - STMicroelectronics STGP19NC60HD Datasheet HTML 9Page - STMicroelectronics STGP19NC60HD Datasheet HTML 10Page - STMicroelectronics STGP19NC60HD Datasheet HTML 11Page - STMicroelectronics STGP19NC60HD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STGB19NC60HD, STGF19NC60HD, STGP19NC60HD, STGW19NC60HD
8/17
Doc ID 12819 Rev 6
Figure 14.
Turn-off SOA
Figure 15.
Thermal impedance for TO-247
Figure 16.
Thermal impedance for TO-220,
D²PAK
Figure 17.
Thermal impedance for TO-220FP
Figure 18.
Forward voltage drop versus
forward current
0
5
10
15
20
25
30
35
40
45
50
012
3
456
I(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com