Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP3N150 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP3N150
Description  N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3N150 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP3N150 Datasheet HTML 7Page - STMicroelectronics STP3N150 Datasheet HTML 8Page - STMicroelectronics STP3N150 Datasheet HTML 9Page - STMicroelectronics STP3N150 Datasheet HTML 10Page - STMicroelectronics STP3N150 Datasheet HTML 11Page - STMicroelectronics STP3N150 Datasheet HTML 12Page - STMicroelectronics STP3N150 Datasheet HTML 13Page - STMicroelectronics STP3N150 Datasheet HTML 14Page - STMicroelectronics STP3N150 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STFW3N150, STP3N150, STW3N150
Package mechanical data
Doc ID 13102 Rev 9
11/15
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com