Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB60N55F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB60N55F3
Description  N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60N55F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB60N55F3_09 Datasheet HTML 1Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 2Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 3Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 4Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 5Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 6Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 7Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 8Page - STMicroelectronics STB60N55F3_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
April 2009
Doc ID 13242 Rev 4
1/20
20
STB60N55F3, STD60N55F3, STF60N55F3
STI60N55F3, STP60N55F3, STU60N55F3
N-channel 55 V, 6.5 m
Ω, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220
TO-220FP STripFET™ III Power MOSFET
Features
■ Standard threshold drive
■ 100% avalanche tested
Application
■ Switching applications
Description
This STripFET™ III Power MOSFET technology
is among the latest improvements, which have
been especially tailored to minimize on-state
resistance providing superior switching
performances.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB60N55F3
55V
<8.5m
Ω
80A
110W
STD60N55F3
55V
<8.5m
Ω
80A
110W
STF60N55F3
55V
<8.5m
Ω
42A
30W
STI60N55F3
55V
<8.5m
Ω
80A
110W
STP60N55F3
55V
<8.5m
Ω
80A
110W
STU60N55F3
55V
<8.5m
Ω
80A
110W
DPAK
1
3
3
2
1
IPAK
1
3
D²PAK
1
2
3
TO-220FP
1
2
3
TO-220
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB60N55F3
60N55F3
D²PAK
Tape and reel
STD60N55F3
60N55F3
DPAK
Tape and reel
STF60N55F3
60N55F3
TO-220FP
Tube
STI60N55F3
60N55F3
I²PAK
Tube
STP60N55F3
60N55F3
TO-220
Tube
STU60N55F3
60N55F3
IPAK
Tube
www.st.com


Similar Part No. - STB60N55F3_09

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB60N55F3 ISC-STB60N55F3 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB60N55F3_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
16-Apr-2008
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
N-channel 40 V, 5.4 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
15-Jul-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
02-Oct-2009
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
03-Mar-2009
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com