Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD60N55F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD60N55F3
Description  N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60N55F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD60N55F3 Datasheet HTML 2Page - STMicroelectronics STD60N55F3 Datasheet HTML 3Page - STMicroelectronics STD60N55F3 Datasheet HTML 4Page - STMicroelectronics STD60N55F3 Datasheet HTML 5Page - STMicroelectronics STD60N55F3 Datasheet HTML 6Page - STMicroelectronics STD60N55F3 Datasheet HTML 7Page - STMicroelectronics STD60N55F3 Datasheet HTML 8Page - STMicroelectronics STD60N55F3 Datasheet HTML 9Page - STMicroelectronics STD60N55F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STx60N55F3
6/20
Doc ID 13242 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220
D²PAK / IPAK / I²PAK / DPAK
Figure 3.
Thermal impedance for TO-220
D²PAK / IPAK / I²PAK / DPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com