Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX8NM60N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STX8NM60N
Description  N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX8NM60N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STX8NM60N Datasheet HTML 2Page - STMicroelectronics STX8NM60N Datasheet HTML 3Page - STMicroelectronics STX8NM60N Datasheet HTML 4Page - STMicroelectronics STX8NM60N Datasheet HTML 5Page - STMicroelectronics STX8NM60N Datasheet HTML 6Page - STMicroelectronics STX8NM60N Datasheet HTML 7Page - STMicroelectronics STX8NM60N Datasheet HTML 8Page - STMicroelectronics STX8NM60N Datasheet HTML 9Page - STMicroelectronics STX8NM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STx8NM60N
6/19
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220,
D²PAK
Figure 3.
Thermal impedance for TO-220,
D²PAK
Figure 4.
Safe operating area for DPAK, IPAK Figure 5.
Thermal impedance for DPAK, IPAK
Figure 6.
Safe operating area for TO-220FP
Figure 7.
Thermal impedance for TO-220FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com