Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF3NK100Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STF3NK100Z
Description  N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3NK100Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STF3NK100Z Datasheet HTML 7Page - STMicroelectronics STF3NK100Z Datasheet HTML 8Page - STMicroelectronics STF3NK100Z Datasheet HTML 9Page - STMicroelectronics STF3NK100Z Datasheet HTML 10Page - STMicroelectronics STF3NK100Z Datasheet HTML 11Page - STMicroelectronics STF3NK100Z Datasheet HTML 12Page - STMicroelectronics STF3NK100Z Datasheet HTML 13Page - STMicroelectronics STF3NK100Z Datasheet HTML 14Page - STMicroelectronics STF3NK100Z Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STF3NK100Z - STP3NK100Z - STD3NK100Z
Package mechanical data
11/16
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.49
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com