Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X8 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F101X8_10 Datasheet HTML 29Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 30Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 31Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 32Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 33Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 34Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 35Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 36Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
STM32F101x8, STM32F101xB
Electrical characteristics
Doc ID 13586 Rev 13
33/85
5.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
Table 9.
Operating conditions at power-up / power-down
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 10 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
P
D
Power dissipation at TA =
85 °C(3)
LQFP100
434
mW
LQFP64
444
LQFP48
363
VFQFPN36
1110
TA
Ambient temperature
Maximum power dissipation
–40
85
°C
Low power dissipation(4)
–40
105
°C
TJ
Junction temperature range
–40
105
°C
1.
When the ADC is used, refer to Table 41: ADC characteristics.
2.
It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV
between VDD and VDDA can be tolerated during power-up and operation.
3.
If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 6.2: Thermal
characteristics on page 76).
4.
In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Table 6.2: Thermal characteristics on page 76).
Table 8.
General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
0
µs/V
VDD fall time rate
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com