Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB21NM60ND Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB21NM60ND
Description  N-channel 600 V, 0.17 Ω, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB21NM60ND Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB21NM60ND_09 Datasheet HTML 5Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 6Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 7Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 8Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 9Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 10Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 11Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 12Page - STMicroelectronics STB21NM60ND_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STP/F21NM60ND - STB21NM60ND - STI21NM60ND - STW21NM60ND
Test circuits
9/18
3
Test circuits
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com