Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPS2141MTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPS2141MTR
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2141MTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPS2141MTR Datasheet HTML 14Page - STMicroelectronics STMPS2141MTR Datasheet HTML 15Page - STMicroelectronics STMPS2141MTR Datasheet HTML 16Page - STMicroelectronics STMPS2141MTR Datasheet HTML 17Page - STMicroelectronics STMPS2141MTR Datasheet HTML 18Page - STMicroelectronics STMPS2141MTR Datasheet HTML 19Page - STMicroelectronics STMPS2141MTR Datasheet HTML 20Page - STMicroelectronics STMPS2141MTR Datasheet HTML 21Page - STMicroelectronics STMPS2141MTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Detail device characteristics
STMPS2141, STMPS2151, STMPS2161, STMPS2171
18/34
Doc ID 13793 Rev 4
7.1.4
OC protection characteristics
7.1.5
Other electrical characteristics
Figure 13.
OC protection at VOUT = 3.0 V
Figure 14.
OC protection at VOUT = 3.0 V
Figure 15.
OC protection at VOUT = 5.0 V
Figure 16.
OC protection at VOUT = 5.0 V
Figure 17.
ICC vs VIN (enabled)
Figure 18.
ICC vs temperature (enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com