Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF871 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF871
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF871 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF871 Datasheet HTML 7Page - NXP Semiconductors BLF871 Datasheet HTML 8Page - NXP Semiconductors BLF871 Datasheet HTML 9Page - NXP Semiconductors BLF871 Datasheet HTML 10Page - NXP Semiconductors BLF871 Datasheet HTML 11Page - NXP Semiconductors BLF871 Datasheet HTML 12Page - NXP Semiconductors BLF871 Datasheet HTML 13Page - NXP Semiconductors BLF871 Datasheet HTML 14Page - NXP Semiconductors BLF871 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BLF871_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2009
11 of 18
NXP Semiconductors
BLF871
UHF power LDMOS transistor
8.
Test information
[1]
American technical ceramics type 100B or capacitor of same quality.
[2]
American technical ceramics type 180R or capacitor of same quality.
[3]
American technical ceramics type 100A or capacitor of same quality.
[4]
Printed-Circuit Board (PCB): Rogers 5880;
ε
r = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
µm.
Table 9.
List of components
For test circuit, see Figure 14, Figure 15 and Figure 16.
Component
Description
Value
Remarks
C1, C2
multilayer ceramic chip capacitor
5.1 pF
[1]
C3, C4
multilayer ceramic chip capacitor
10 pF
[2]
C5
multilayer ceramic chip capacitor
6.8 pF
[1]
C6
multilayer ceramic chip capacitor
4.7 pF
[1]
C7
multilayer ceramic chip capacitor
2.7 pF
[1]
C8, C9, C10, C25,
C26
multilayer ceramic chip capacitor
100 pF
[1]
C11, C27
multilayer ceramic chip capacitor
10
µF
TDK C570X7R1H106KT000N or
capacitor of same quality.
C12
electrolytic capacitor
470
µF; 63 V
C20
multilayer ceramic chip capacitor
10 pF
[3]
C21
multilayer ceramic chip capacitor
8.2 pF
[3]
C22
trimmer
0.6 pF to 4.5 pF
Tekelec
C23
multilayer ceramic chip capacitor
6.8 pF
[3]
C24
multilayer ceramic chip capacitor
3.9 pF
[3]
L1
stripline
-
[4]
(W
× L) 7 mm × 15 mm
L2
stripline
-
[4]
(W
× L) 2.4 mm × 9mm
L3
stripline
-
[4]
(W
× L) 2.4 mm × 10 mm
L4
stripline
-
[4]
(W
× L) 2.4 mm × 25 mm
L5
stripline
-
[4]
(W
× L) 2.4 mm × 10 mm
L6
stripline
-
[4]
(W
× L) 2.0 mm × 20 mm
L7
stripline
-
[4]
(W
× L) 2.0 mm × 21 mm
L20
stripline
-
[4]
(W
× L) 7 mm × 12 mm
L21
stripline
-
[4]
(W
× L) 2.4 mm × 13 mm
L22
stripline
-
[4]
(W
× L) 2.4 mm × 31 mm
L23
stripline
-
[4]
(W
× L) 2.4 mm × 5mm
R1
resistor
100
Ω
R2
resistor
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com