Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103CBT6XXX Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F103CBT6XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBT6XXX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F103CBT6XXX Datasheet HTML 27Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 28Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 29Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 30Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 31Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 32Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 33Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 34Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
STM32F103x8, STM32F103xB
Pinouts and pin description
Doc ID 13587 Rev 12
31/96
C5
41
C4
57
91
32
PB5
I/O
PB5
I2C1_SMBAl
TIM3_CH2 /
SPI1_MOSI
B5
42
D3
58
92
33
PB6
I/O FT
PB6
I2C1_SCL(8)/
TIM4_CH1(8)
USART1_TX
A5
43
C3
59
93
34
PB7
I/O FT
PB7
I2C1_SDA(8)/
TIM4_CH2(8)
USART1_RX
D5
44
B4
60
94
35
BOOT0
I
BOOT0
B4
45
B3
61
95
-
PB8
I/O FT
PB8
TIM4_CH3(8)
I2C1_SCL /
CANRX
A4
46
A3
62
96
-
PB9
I/O FT
PB9
TIM4_CH4(8)
I2C1_SDA/
CANTX
D4
-
-
-
97
-
PE0
I/O FT
PE0
TIM4_ETR
C4
-
-
-
98
-
PE1
I/O FT
PE1
E5
47
D4
63
99
36
VSS_3
SVSS_3
F5
48
E4
64
100
1
VDD_3
SVDD_3
1.
I = input, O = output, S = supply.
2.
FT = 5 V tolerant.
3.
Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripheral that is included. For example, if a device has only one SPI and two USARTs, they will be called SPI1
and USART1 & USART2, respectively. Refer to Table 2 on page 10.
4.
If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
5.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: the speed should not exceed 2 MHz with a maximum
load of 30 pF and these IOs must not be used as a current source (e.g. to drive an LED).
6.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F10xxx reference manual, available from the
STMicroelectronics website: www.st.com.
7.
Unlike in the LQFP64 package, there is no PC3 in the TFBGA64 package. The VREF+ functionality is provided instead.
8.
This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual, available
from the STMicroelectronics website: www.st.com.
9.
The pins number 2 and 3 in the VFQFPN36 package, 5 and 6 in the LQFP48 and LQFP64 packages, and C1 and C2 in the
TFBGA64 package are configured as OSC_IN/OSC_OUT after reset, however the functionality of PD0 and PD1 can be
remapped by software on these pins. For the LQFP100 package, PD0 and PD1 are available by default, so there is no
need for remapping. For more details, refer to the Alternate function I/O and debug configuration section in the
STM32F10xxx reference manual.
The use of PD0 and PD1 in output mode is limited as they can only be used at 50 MHz in output mode.
Table 5.
Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com