Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T08 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M48T08_10 Datasheet HTML 23Page - STMicroelectronics M48T08_10 Datasheet HTML 24Page - STMicroelectronics M48T08_10 Datasheet HTML 25Page - STMicroelectronics M48T08_10 Datasheet HTML 26Page - STMicroelectronics M48T08_10 Datasheet HTML 27Page - STMicroelectronics M48T08_10 Datasheet HTML 28Page - STMicroelectronics M48T08_10 Datasheet HTML 29Page - STMicroelectronics M48T08_10 Datasheet HTML 30Page - STMicroelectronics M48T08_10 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
M48T08, M48T08Y, M48T18
Part numbering
Doc ID 2411 Rev 10
27/31
7
Part numbering
Table 16.
Ordering information scheme
Caution:
Do not place the SNAPHAT® battery package “M4TXX-BR12SH” in conductive foam as it
will drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M48T
18
–100
PC
1
E
Device type
M48T
Supply voltage and write protect voltage
08(1) = VCC = 4.75 to 5.5 V; VPFD = 4.5 to 4.75 V
1.
The M48T08/18 part is offered with the PCDIP28 (e.g., CAPHAT™) package only.
18/08Y = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
Speed
–100 = 100 ns
–150 = 150 ns
–10 = 100 ns (M48T08Y)
Package
PC(1) = PCDIP28
MH(2) = SOH28
2.
The SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered separately
under the part number “M4TXX-BR12SH” in plastic tube or “M4TXX-BR12SHTR” in tape & reel form (see
Table 17). The M48T08Y part is offered in the SOH28 (SNAPHAT) package only.
Temperature range
1 = 0 to 70 °C
Shipping method
For SOH28:
blank = Tubes (not for new design - use E)
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel
TR = Tape & reel (not for new design - use F)
For PCDIP28:
blank = ECOPACK® package, tubes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com