Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCD1020PDM6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCD1020PDM6F Datasheet HTML 8Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 9Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 10Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 11Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 12Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 13Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 14Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 15Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Application information
STCD1020, STCD1030, STCD1040
12/40
Doc ID 13823 Rev 6
4
Application information
4.1
Typical applications
The STCD1020, STCD1030 and STCD1040 distribute a source clock (for example, from
VCTCXO) to 2, 3 or 4 channel outputs. The typical application circuits using STCD1040 are
shown in Figure 7 and Figure 8 below.
In Figure 7, the clock from VCTCXO is distributed to the TD-SCDMA transmitter and
receiver and GSM transceiver separately.
In Figure 8, the buffer #4 output is fed into the Bluetooth system. In order to allow minimum
power consumption, a Bluetooth system always has a clock request feature. If the Bluetooth
system does not require the clock, the clock request will disable the clock output.
The enable pins can also be connected to logic high to let the channel output always on. If
the channels of STCD1020, STCD1030 and STCD1040 are not used in the application, the
enable pins of the channels should be connected to ground on PCB.
Figure 7.
Typical application circuit using STCD1040 for RF ends of TD-
SCDMA/GSM dual-mode mobile phone
STCD1040
VCTCXO
VCC
MCLK
GND
EN4
VCC
EN3
EN2
EN1
CLK1
CLK2
CLK3
CLK4
Mode
selection
TD-SCDMA
transmitter
TD-SCDMA
receiver
GSM
transceiver
ai13954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com