Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T20CM6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST62T20CM6
Description  8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T20CM6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST62T20CM6 Datasheet HTML 92Page - STMicroelectronics ST62T20CM6 Datasheet HTML 93Page - STMicroelectronics ST62T20CM6 Datasheet HTML 94Page - STMicroelectronics ST62T20CM6 Datasheet HTML 95Page - STMicroelectronics ST62T20CM6 Datasheet HTML 96Page - STMicroelectronics ST62T20CM6 Datasheet HTML 97Page - STMicroelectronics ST62T20CM6 Datasheet HTML 98Page - STMicroelectronics ST62T20CM6 Datasheet HTML 99Page - STMicroelectronics ST62T20CM6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
96/104
11.6 TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected FASTROM options.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly filled OP-
TION LIST appended. See page 97.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Listing Generation and Verification. When
STMicroelectronics receives the user’s ROM con-
tents, a computer listing is generated from it. This
listing refers exactly to the ROM contents and op-
tions which will be used to produce the specified
MCU. The listing is then returned to the customer
who must thoroughly check, complete, sign and
return it to STMicroelectronics. The signed listing
forms a part of the contractual agreement for the
production of the specific customer MCU.
11.6.1 FASTROM version
The ST62P08C/P09C/P10C and P20C are the
Factory Advanced Service Technique ROM (FAS-
TROM) versions of ST62T08C, T09C, T10C and
T20C OTP devices.
They offer the same functionality as OTP devices,
but they do not have to be programmed by the
customer. The customer code must be sent to
STMicroelectronics in the same way as for ROM
devices. The FASTROM option list has the same
options as defined in the programmable option
byte of the OTP version. It also offers an identifier
option. If this option is enabled, each FASTROM
device is programmed with a unique 5-byte
number which is mapped at addresses 0F9Bh-
0F9Fh. The user must therefore leave these bytes
blanked.
The identification number is structured as follows:
with T0, T1, T2, T3 = time in seconds since 01/01/
1970 and Test ID = Tester Identifier.
0F9Bh
T0
0F9Ch
T1
0F9Dh
T2
0F9Eh
T3
0F9Fh
Test ID
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com