Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M01-HRCS3G/A Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24M01-HRCS3G/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HRCS3G/A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24M01-HRCS3G/A Datasheet HTML 6Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 7Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 8Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 9Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 10Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 11Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 12Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 13Page - STMicroelectronics M24M01-HRCS3G/A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Signal description
M24M01-R, M24M01-W, M24M01-HR
10/37
Doc ID 12943 Rev 7
Figure 5.
M24M01-R/M24M01-W – Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I
2C bus at maximum frequency f
C = 400 kHz
Figure 6.
M24M01-HR – Maximum Rbus value versus bus parasitic capacitance
(Cbus) for an I
2C bus at maximum frequency f
C = 1MHz
1
10
100
10
100
1000
Bus line capacitor (pF)
fC = 400 kHz, tLOW = 1.3 µs
Rbus x Cbus time
constant must be less than
500 ns
I²C bus
master
M24xxx
Rbus
VCC
Cbus
SCL
SDA
ai14796
1
10
100
10
100
Bus line capacitor (pF)
fC = 1 MHz, tLOW = 700 ns
time constant Rbus x Cbus
must be less than 270 ns
time constant Rbus x Cbus
must be less than 100 ns
ai14795c
I²C bus
master
M24xxx
Rbus
VCC
Cbus
SCL
SDA
fC = 1 MHz, tLOW = 400 ns,
(min possible value)
(max possible value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com