Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV102 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAV102
Description  HIGH SPEED SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAV102 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAV102 Datasheet HTML 1Page - EIC discrete Semiconductors BAV102 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV100 ~ BAV103
HIGH SPEED SWITCHING DIODES
FEATURES :
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
max. 50 V, 100 V, 150 V and 200 V respectively
• Repetitive peak reverse voltage:
max. 60 V, 120 V, 200 V and 250 V respectively
• Repetitive peak forward current: max. 625 mA.
• Pb / RoHS Free
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
BAV100
60
BAV101
120
BAV102
200
BAV103
250
BAV100
50
BAV101
100
BAV102
150
BAV103
200
Maximum Repetitive Peak Forward Current
IFRM
625
mA
Maximum Continuous Forward Current
IF
mA
at t = 100
µs , Tj = 25°C
3.0
at t = 1s , Tj = 25
°C
1.0
Maximum Power Dissipation
PD
400
mW
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VR = 50 V
-
-
100
VR = 100 V
-
-
100
VR = 150 V
-
-
100
VR = 200 V
-
-
100
IF = 100 mA
-
-
1.0
IF = 200 mA
-
-
1.25
Diode Capacitance
Cd
-
-
5.0
pF
IF = 30 mA to IR = 30mA
RL = 100 Ω ; measured
at IR = 3mA
Page 1 of 2
Rev. 02 : March 25, 2005
ns
50
f = 1MHz ; VR = 0
-
-
Reverse Recovery Time
Trr
IR
Forward Voltage
VF
Parameter
Maximum Continuous Reverse Voltage
VR
V
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum Surge Forward Current
250
V
nA
IFSM
A
Reverse Current
Test Condition
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
0.098 (2.50)
Max.
Dimensions in inches and ( millimeters )
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.079 (2.00)Min.


Similar Part No. - BAV102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV102 PHILIPS-BAV102 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Fairchild Semiconductor
BAV102 FAIRCHILD-BAV102 Datasheet
26Kb / 3P
High Voltage, General Purpose Diode
logo
Diodes Incorporated
BAV102 DIODES-BAV102 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV102 GE-BAV102 Datasheet
144Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com