Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD17KA Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYD17KA
Description  GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD17KA Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYD17KA Datasheet HTML 1Page - EIC discrete Semiconductors BYD17KA Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYD17DA - BYD17MA )
FIG.1 - MAXIMUM PERMISSIBLE AVERAGE FORWARD
FIG.2 - MAXIMUM PERMISSIBLE AVERAGE FORWARD
CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE
CURRENT AS A FUNCTION OF AMBIENT TEMPERATURE
0
25
50
75
100
125
150
175
0
40
80
120
160
200
FIG.3 - FORWARD CURRENT AS FUNCTION
FIG.4 - REVERSE CURRENT AS FUNCTION
OF FORWARD VOLTAGE; MAXIMUM VALUES
OF JUNCTION TEMPERATURE; MAXIMUM VALUES
Page 2 of 2
Rev. 00 : February 13, 2008
2.0
1.0
0.5
3.0
6
1000
100
0.8
0
1.0
0
0.6
0.4
0.2
0
4
1
2
10
80
0
200
JUNCTION TEMPERATURE, TJ ( °C)
FORWARD VOLTAGE, VF (V)
0
12
TJ = 25 °C
1.5
2.5
TIE-POINT TEMPERATURE, Ttp ( °C)
1.2
TJ = 175 °C
40
120
160
AMBIENT TEMPERATURE, Ta ( °C)
a = 1.57; VR = VRRMmax; δ = 0.5.
a = 1.57; VR = VRRMmax; δ = 0.5.
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com