Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD77BA Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYD77BA
Description  ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD77BA Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYD77BA Datasheet HTML 1Page - EIC discrete Semiconductors BYD77BA Datasheet HTML 2Page - EIC discrete Semiconductors BYD77BA Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYD77AA - BYD77GA
ULTRA FAST LOW-LOSS
CONTROLLED AVALANCHE RECTIFIERS
PRV : 50 - 400 Volts
Io : 2.0 Amperes
FEATURES :
* Glass passivated junction chip
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Smallest surface mount rectifier outline
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
BYD
BYD
BYD
BYD
BYD
BYD
BYD
77AA 77BA 77CA 77DA 77EA 77FA 77GA
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
250
300
400
V
Maximum Continuous Reverse Voltage
VR
50
100
150
200
250
300
400
V
Min. Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA
V(BR)R-min
55
110
165
220
275
330
440
V
Maximum Average Forward Current
Maximum Non-Repetitive Peak Forward Surge Current (Note 3)
IFSM
A
Maximum Repetitive Peak Forward Current at Ttp = 105 °C
IFRM
A
Maximum Forward Voltage at IF = 1.0 A ; TJ = 25 °C
VF
V
Maximum Reverse Current at VR =VRRMmax
TJ = 25 °C
IR
μA
TJ = 165 °C
IR(H)
μA
Maximum Reverse Recovery Time (Note 4)
Trr
ns
Thermal Resistance from Junction to Tie-Point
Rth j-tp
K / W
Thermal Resistance from Junction to Ambient (Note 5)
Rth j-a
K / W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
Notes :
(1) Ttp = 105 °C; see Fig. 1and 2; averaged over any 20 ms period; see also Fig.5 and 6
(2) Tamb = 60 °C; PCB mounting ; see Fig. 3 and 4; averaged over any 20 ms period; see also Fig.5 and 6
(3) t=10ms half sine wave; Tj = Tjmax prior to surge; VR = VRRMmax
(4) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(5) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer ≤ 40 μm.
Page 1 of 3
Rev. 00 : February 13, 2008
UNIT
15
13
SYMBOL
RATING
25
2.0
(1)
1.85
(1)
IF(AV)
A
0.85
(2)
0.80
(2)
- 65 to + 175
0.98
1.05
1.0
100
25
50
30
150
- 65 to + 175
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeters
1.1
± 0.3
0.2
± 0.07
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BYD77BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD77B PHILIPS-BYD77B Datasheet
82Kb / 12P
Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
More results

Similar Description - BYD77BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD71 PHILIPS-BYD71 Datasheet
76Kb / 11P
Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 19
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
Ultra fast low-loss controlled avalanche rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com