Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C24 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BZX55C24
Description  SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX55C24 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZX55C24 Datasheet HTML 1Page - EIC discrete Semiconductors BZX55C24 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Maximum Zener
Maximum Reverse
Temp. coefficient
Admissible
Type
VZ @ IZT
Impedance
Leakage Current, IR
of Zener Voltage
Zener
Number
Nom
1)
Min
2)
Max
2)
IZT
ZZT @ IZT ZZk @ IZK
IZK
Ta=25
°C Ta=150°C
at VR
TKVZ
Current
(2)
(V)
(V)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(
µA)
(V)
(% / K)
IZM (mA)
BZX55C2V0
2.0
1.9
2.1
5.0
85
600
1.0
100
200
1.0
-0.09...-0.06
175
BZX55C2V2
2.2
2.08
2.41
5.0
85
600
1.0
50
100
1.0
-0.09...-0.06
160
BZX55C2V4
2.4
2.28
2.56
5.0
85
600
1.0
50
100
1.0
-0.09...-0.06
145
BZX55C2V7
2.7
2.5
2.9
5.0
85
600
1.0
10
50
1.0
-0.09...-0.06
135
BZX55C3V0
3.0
2.8
3.2
5.0
85
600
1.0
4.0
40
1.0
-0.08...-0.05
125
BZX55C3V3
3.3
3.1
3.5
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
115
BZX55C3V6
3.6
3.4
3.8
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
105
BZX55C3V9
3.9
3.7
4.1
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
95
BZX55C4V3
4.3
4.0
4.6
5.0
75
600
1.0
1.0
20
1.0
-0.06...-0.03
90
BZX55C4V7
4.7
4.4
5.0
5.0
60
600
1.0
0.5
10
1.0
-0.05...+0.02
85
BZX55C5V1
5.1
4.8
5.4
5.0
35
550
1.0
0.1
2.0
1.0
-0.02...+0.02
80
BZX55C5V6
5.6
5.2
6.0
5.0
25
450
1.0
0.1
2.0
1.0
-0.05...+0.05
70
BZX55C6V2
6.2
5.8
6.6
5.0
10
200
1.0
0.1
2.0
2.0
0.03...0.06
64
BZX55C6V8
6.8
6.4
7.2
5.0
8
150
1.0
0.1
2.0
3.0
0.03...0.07
58
BZX55C7V5
7.5
7.0
7.9
5.0
7
50
1.0
0.1
2.0
5.0
0.03...0.07
53
BZX55C8V2
8.2
7.7
8.7
5.0
7
50
1.0
0.1
2.0
6.2
0.03...0.08
47
BZX55C9V1
9.1
8.5
9.6
5.0
10
50
1.0
0.1
2.0
6.8
0.03...0.09
43
BZX55C10
10
9.4
10.6
5.0
15
70
1.0
0.1
2.0
7.5
0.03...0.10
40
BZX55C11
11
10.4
11.6
5.0
20
70
1.0
0.1
2.0
8.2
0.03...0.11
36
BZX55C12
12
11.4
12.7
5.0
20
90
1.0
0.1
2.0
9.1
0.03...0.11
32
BZX55C13
13
12.4
14.1
5.0
26
110
1.0
0.1
2.0
10.0
0.03...0.11
29
BZX55C14
14
13.1
15.0
5.0
28
110
1.0
0.1
2.0
10.5
0.03...0.11
28
BZX55C15
15
13.8
15.6
5.0
30
110
1.0
0.1
2.0
11
0.03...0.11
27
BZX55C16
16
15.3
17.1
5.0
40
170
1.0
0.1
2.0
12
0.03...0.11
24
BZX55C18
18
16.8
19.1
5.0
50
170
1.0
0.1
2.0
13
0.03...0.11
21
BZX55C20
20
18.8
21.2
5.0
55
220
1.0
0.1
2.0
15
0.03...0.11
20
BZX55C22
22
20.8
23.3
5.0
55
220
1.0
0.1
2.0
16
0.04...0.12
18
BZX55C24
24
22.8
25.6
5.0
80
220
1.0
0.1
2.0
18
0.04...0.12
16
BZX55C27
27
25.1
28.9
5.0
80
220
1.0
0.1
2.0
20
0.04...0.12
14
BZX55C30
30
28
32
5.0
80
220
1.0
0.1
2.0
22
0.04...0.12
13
BZX55C33
33
31
35
5.0
80
220
1.0
0.1
2.0
24
0.04...0.12
12
BZX55C36
36
34
38
5.0
80
220
1.0
0.1
2.0
27
0.04...0.12
11
BZX55C39
39
37
41
2.5
90
500
0.5
0.1
5.0
30
0.04...0.12
10
BZX55C43
43
40
46
2.5
90
500
0.5
0.1
5.0
33
0.04...0.12
9.2
BZX55C47
47
44
50
2.5
110
600
0.5
0.1
5.0
36
0.04...0.12
8.5
BZX55C51
51
48
54
2.5
125
700
0.5
0.1
10
39
0.04...0.12
7.8
BZX55C56
56
52
60
2.5
135
700
0.5
0.1
10
43
typ. 0.1
(4)
7.0
BZX55C62
62
58
66
2.5
150
1000
0.5
0.1
10
47
typ. 0.1
(4)
6.4
BZX55C68
68
64
72
2.5
200
1000
0.5
0.1
10
51
typ. 0.1
(4)
5.9
BZX55C75
75
70
79
2.5
250
1000
0.5
0.1
10
56
typ. 0.1
(4)
5.3
BZX55C82
82
77
87
2.5
300
1500
0.25
0.1
10
62
typ. 0.1
(4)
4.8
BZX55C91
91
85
96
1.0
450
2000
0.1
0.1
10
68
typ. 0.1
(4)
4.4
BZX55C100
100
94
106
1.0
450
5000
0.1
0.1
10
75
typ. 0.1
(4)
4.0
Notes: 1) Tested with pulses tp = 20 ms
2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case
3) For
± 2% tolerance altered the sixth letter of type from "C" to be "B"
(4) at Iz = 2.5 mA
Page 2 of 2
Rev. 05 : June 25, 2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com