Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C23 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 41Page - Renesas Technology Corp R8C23 Datasheet HTML 42Page - Renesas Technology Corp R8C23 Datasheet HTML 43Page - Renesas Technology Corp R8C23 Datasheet HTML 44Page - Renesas Technology Corp R8C23 Datasheet HTML 45Page - Renesas Technology Corp R8C23 Datasheet HTML 46Page - Renesas Technology Corp R8C23 Datasheet HTML 47Page - Renesas Technology Corp R8C23 Datasheet HTML 48Page - Renesas Technology Corp R8C23 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
R8C/22 Group, R8C/23 Group
5. Electrical Characteristics
Rev.2.00 Aug 20, 2008
Page 43 of 48
REJ03B0097-0200
i = 0 or 1
Figure 5.10
Serial Interface Timing Diagram when VCC = 5 V
NOTES:
1.
When selecting the digital filter by the INTi input filter select bit, use the INTi input HIGH width to the greater value, either
(1/digital filter clock frequency x 3) or the minimum value of standard.
2.
When selecting the digital filter by the INTi input filter select bit, use the INTi input LOW width to the greater value, either
(1/digital filter clock frequency x 3) or the minimum value of standard.
Figure 5.11
External Interrupt INTi Input Timing Diagram when VCC = 5 V (i = 0 to 3)
Table 5.18
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLK0 input cycle time
200
−
ns
tW(CKH)
CLK0 input “H” width
100
−
ns
tW(CKL)
CLK0 input “L” width
100
−
ns
td(C-Q)
TXDi output delay time
−
50
ns
th(C-Q)
TXDi hold time
0
−
ns
tsu(D-C)
RXDi input setup time
50
−
ns
th(C-D)
RXDi input hold time
90
−
ns
Table 5.19
External Interrupt INTi (i = 0 to 3) Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input “H” width
250(1)
−
ns
tW(INL)
INTi input “L” width
250(2)
−
ns
i = 0 or 1
Vcc = 5V
CLK0
TXDi
RXDi
tW(CKH)
tc(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
i = 0 to 3
Vcc = 5V
INTi input
tW(INL)
tW(INH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com