Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI90N4F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI90N4F3
Description  N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI90N4F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STI90N4F3 Datasheet HTML 1Page - STMicroelectronics STI90N4F3 Datasheet HTML 2Page - STMicroelectronics STI90N4F3 Datasheet HTML 3Page - STMicroelectronics STI90N4F3 Datasheet HTML 4Page - STMicroelectronics STI90N4F3 Datasheet HTML 5Page - STMicroelectronics STI90N4F3 Datasheet HTML 6Page - STMicroelectronics STI90N4F3 Datasheet HTML 7Page - STMicroelectronics STI90N4F3 Datasheet HTML 8Page - STMicroelectronics STI90N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2009
Doc ID 14212 Rev 3
1/16
16
STD90N4F3, STI90N4F3
STP90N4F3, STU90N4F3
N-channel 40 V, 5.0 m
Ω, 80 A, DPAK, TO-220, IPAK, I2PAK
STripFET™ III Power MOSFET
Features
■ Standard threshold drive
■ 100% avalanche tested
Application
■ Switching applications
Description
This STripFET™ III Power MOSFET technology
is among the latest improvements, which have
been especially tailored to minimize on-state
resistance providing superior switching
performances.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STD90N4F3
40 V
< 5.8m
Ω
80 A
110 W
STI90N4F3
40 V
< 6.2 m
Ω
80 A
110 W
STP90N4F3
40 V
< 6.2 m
Ω
80 A
110 W
STU90N4F3
40 V
< 6.2 m
Ω
80 A
110 W
1
3
1
2
3
DPAK
TO-220
3
2
1
IPAK
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD90N4F3
90N4F3
DPAK
Tape & reel
STI90N4F3
90N4F3
I²PAK
Tube
STP90N4F3
90N4F3
TO-220
Tube
STU90N4F3
90N4F3
IPAK
Tube
www.st.com


Similar Part No. - STI90N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI90N4F3 STMICROELECTRONICS-STI90N4F3 Datasheet
433Kb / 16P
N-channel 40 V, 5.4 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
15-Jul-2008
logo
Inchange Semiconductor ...
STI90N4F3 ISC-STI90N4F3 Datasheet
281Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STI90N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
N-channel 40 V, 5.4 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
15-Jul-2008
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
17-Apr-2009
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
01-Jul-2010
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
26-Apr-2010
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
07-Mar-2011
STB95N4F3 STMICROELECTRONICS-STB95N4F3 Datasheet
839Kb / 20P
N-channel 40 V, 5.0, 80 A STripFET III
13-Dec-2011
STD65N55LF3 STMICROELECTRONICS-STD65N55LF3 Datasheet
804Kb / 13P
N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
12-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com